Electronic Components Datasheet Search
  English  ▼

X  

R8CL3AB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R8CL3AB
Description  Household appliances, office equipment, audio equipment, consumer products, etc.
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8CL3AB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R8CL3AB Datasheet HTML 6Page - Renesas Technology Corp R8CL3AB Datasheet HTML 7Page - Renesas Technology Corp R8CL3AB Datasheet HTML 8Page - Renesas Technology Corp R8CL3AB Datasheet HTML 9Page - Renesas Technology Corp R8CL3AB Datasheet HTML 10Page - Renesas Technology Corp R8CL3AB Datasheet HTML 11Page - Renesas Technology Corp R8CL3AB Datasheet HTML 12Page - Renesas Technology Corp R8CL3AB Datasheet HTML 13Page - Renesas Technology Corp R8CL3AB Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
1. Overview
REJ03B0243-0030 Rev.0.30
Jan 21, 2009
Page 8 of 76
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 1.9
Product List for R8C/L35B Group
(D): Under development
Figure 1.2
Correspondence of Part No., with Memory Size and Package of R8C/L35B Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
R5F2L357BNFP
(D)
48 Kbytes
6 Kbytes
PLQP0052JA-A
N Version
R5F2L358BNFP
(D)
64 Kbytes
8 Kbytes
PLQP0052JA-A
R5F2L35ABNFP
(D)
96 Kbytes
10 Kbytes
PLQP0052JA-A
R5F2L35CBNFP
(D)
128 Kbytes
10 Kbytes
PLQP0052JA-A
R5F2L357BDFP
(D)
48 Kbytes
6 Kbytes
PLQP0052JA-A
D Version
R5F2L358BDFP
(D)
64 Kbytes
8 Kbytes
PLQP0052JA-A
R5F2L35ABDFP
(D)
96 Kbytes
10 Kbytes
PLQP0052JA-A
R5F2L35CBDFP
(D)
128 Kbytes
10 Kbytes
PLQP0052JA-A
Current of Jan 2009
Part No. R 5 F 2L 35 C B N FP
Package type:
FP, FA: LQFP
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/L35B Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com