Electronic Components Datasheet Search
  English  ▼

X  

R8CL3AB Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R8CL3AB
Description  Household appliances, office equipment, audio equipment, consumer products, etc.
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8CL3AB Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R8CL3AB Datasheet HTML 78Page - Renesas Technology Corp R8CL3AB Datasheet HTML 79Page - Renesas Technology Corp R8CL3AB Datasheet HTML 80Page - Renesas Technology Corp R8CL3AB Datasheet HTML 81Page - Renesas Technology Corp R8CL3AB Datasheet HTML 82Page - Renesas Technology Corp R8CL3AB Datasheet HTML 83Page - Renesas Technology Corp R8CL3AB Datasheet HTML 84Page - Renesas Technology Corp R8CL3AB Datasheet HTML 85Page - Renesas Technology Corp R8CL3AB Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
Date: Jul. 08, 2009
RENESAS TECHNICAL UPDATE
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
Renesas Technology Corp.
Product
Category
MPU&MCU
Document
No.
TN-R8C-A002B/E
Rev.
2.00
Title
Specification
Changes
in
the
R8C/L35A
Group,
R8C/L35B Group, R8C/L36A Group, R8C/L36B Group,
R8C/L38A Group, R8C/L38B Group, R8C/L3AA Group
R8C/L3AB Group Hardware Manual
Information
Category
Technical Notification
Lot No.
Applicable
Products
R8C/L35A Group, R8C/L35B Group
R8C/L36A Group, R8C/L36B Group
R8C/L38A Group, R8C/L38B Group
R8C/L3AA Group and R8C/L3AB Group
−−
Reference
Document
Described below
(8) in section 1-1 and section 2-8 have been revised in Revision 2.00.
1. Overview
The below changes have been made to the specifications described in the datasheet and hardware manual of the R8C/L3AA
Group, R8C/L3AB Group, R8C/L38A Group, R8C/L38B Group, R8C/L36A Group, R8C/L36B Group, R8C/L35A Group and
R8C/L35B Group.
1-1. Changes
(1) Removed the high-speed on-chip oscillator
(2) Changed the flash memory suspend function specifications
(3) Changed the flash memory suspend electrical characteristics
(4) Changed the timer RG specifications
(5) Changed the LCD port specifications
(6) Removed the voltage monitor 0 reset/power-on reset
(7) Removed the voltage monitor 1 /comparator A1 and voltage monitor 2 / comparator A2 functions
(8) Note on reducing power current
1-2. Reference Documents
The information in this document applies to the R8C/L35A Group, R8C/L35B Group, R8C/L36A Group, R8C/L36B Group,
R8C/L35A Group, R8C/L38B Group, R8C/L3AA Group, R8C/L3AB Group Hardware Manual Rev.0.30 and Datasheet
Rev.0.30.
2. Description
2-1. Removed the High-Speed On-Chip Oscillator
The high-speed on-chip oscillator function has been removed.
Do NOT select the high-speed on-chip oscillator as the clock source for the CPU clock or peripheral functions.
Descriptions regarding the high-speed on-chip oscillator in the reference documents shown in 1-2, other than descriptions
shown in this technical update, are invalid.
(c) 2009. Renesas Technology Corp., All rights reserved.
Page 1 of 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com