Electronic Components Datasheet Search
  English  ▼

X  

IR3502 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3502
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502 Datasheet(HTML) 2 Page - International Rectifier

  IR3502 Datasheet HTML 1Page - International Rectifier IR3502 Datasheet HTML 2Page - International Rectifier IR3502 Datasheet HTML 3Page - International Rectifier IR3502 Datasheet HTML 4Page - International Rectifier IR3502 Datasheet HTML 5Page - International Rectifier IR3502 Datasheet HTML 6Page - International Rectifier IR3502 Datasheet HTML 7Page - International Rectifier IR3502 Datasheet HTML 8Page - International Rectifier IR3502 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
IR3502
Page 2 of 39
July 28, 2009
APPLICATION CIRCUIT
VID7
1
VID6
2
VID5
3
VID4
4
VID3
5
VID2
6
VID1
7
VID0
8
VDAC
21
VSETPT
19
OCSET
20
LGND
24
VDRP
17
SS/DEL
22
ROSC / OVP
23
IIN
18
IR3500
VID7
1
VID6
2
VID5
3
VID4
4
VID3
5
VID2
6
VID1
7
VID0
8
VDAC
21
VDAC_BUFF
19
VSETPT
20
VDRP
17
SS/DEL
22
ROSC
23
VN
18
GND
24
IR3502
Figure 1 – PIN difference between IR3500 and IR3502
VRRDY
IIN
VID6
VID7
EAOUT
CVCCL
CVDAC
RVCCLDRV
CEA1
RTCMP1
RVDAC
RFB
VID7
1
VID6
2
VID5
3
VID4
4
VID3
5
VID2
6
VID1
7
VID0
8
VDAC
21
VDAC_BUFF
19
VSETPT
20
VDRP
17
SS/DEL
22
ROSC
23
VN
18
GND
24
IR3502
CFB1
RFB1
RDRP
Q2
CEA
RTCMP3
RVSETPT
REA
VCCL
12V
CSS/DEL
PHSOUT
CLKOUT
PHSIN
RTCMP2
+12V
RTHERM
VID1
VID2
VID3
VID5
VID0
VOSEN-
VOSEN+
VID4
VRHOT
RHOTSET1
RHOTSET3
VDAC
ROSC
RMON1
CMON
RMON
ENABLE
IOUT
VOSEN-
RHOTSET2
CHOTSET
Figure 2 – IR3502 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com