Electronic Components Datasheet Search
  English  ▼

X  

IR3502 Datasheet(PDF) 34 Page - International Rectifier

Part # IR3502
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502 Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3502 Datasheet HTML 30Page - International Rectifier IR3502 Datasheet HTML 31Page - International Rectifier IR3502 Datasheet HTML 32Page - International Rectifier IR3502 Datasheet HTML 33Page - International Rectifier IR3502 Datasheet HTML 34Page - International Rectifier IR3502 Datasheet HTML 35Page - International Rectifier IR3502 Datasheet HTML 36Page - International Rectifier IR3502 Datasheet HTML 37Page - International Rectifier IR3502 Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
IR3502
Page 34 of 39
July 28, 2009
TP9
VOSEN+
R156
0
VCCL
R19
0
No Stuf f
SW
15
GATEH
14
PHSIN
5
VCCL
12
DACIN
3
PSI
2
IOUT
1
LGND
4
BOOST
13
NC2
11
U11
IR3507
C11
0.1uF
1
2
L11
No Stuff
C14
0.1uF
C15
10uF
C13
0.1uF
R20
2.32k
C12
0.1uF
C16
10uF
C1 8
0 .1 uF
5
Q12
IRF6629 MX
5
Q11
IRF6622 SQ
C17
0.1uF
VCCP
EA
VCCL
CLOCK
ISHARE
12VF
VDAC
PHSOUT
PSI_L
C19
10uF
GH1
SW1
R21
0
No Stuf f
GL1
1
2
L12
72nH
PA0512.700
R25
0
No Stuf f
SW
15
GATEH
14
PHSIN
5
VCCL
12
DACIN
3
PSI
2
IOUT
1
LGND
4
BOOST
13
NC2
11
U18
IR3507
1
2
L15
No Stuff
C29
0.1uF
C31
10uF
C30
0.1uF
R26
2.32k
C32
0.1uF
C33
0.1uF
C35
10uF
C34
0.1 uF
5
Q15
IRF6629 MX
C3 6
0 .1u F
5
Q16
IRF6622 SQ
VCCP
EA
VCCL
CLOCK
ISHARE
12VF
VDAC
PSI_L
C37
10uF
GH1
SW1
R27
0
GL1
1
2
L16
72nH
PA0512.700
R28
0
No Stuf f
SW
15
GATEH
14
PHSIN
5
VCCL
12
DACIN
3
PSI
2
IOUT
1
LGND
4
BOOST
13
NC2
11
U20
IR3507
C38
0.1uF
C39
0.1uF
1
2
L17
No Stuff
C40
10uF
C41
0.1uF
R29
2.32k
C42
0.1uF
C4 3
0 .1u F
C44
10uF
5
Q17
IRF6629 MX
C4 5
0.1 uF
5
Q18
IRF6622 SQ
VDAC
VCCP
EA
VCCL
CLOCK
ISHARE
12VF
PSI_L
C46
10uF
GH1
SW1
R30
0
GL1
1
2
L18
72nH
PA0512.700
VCCL
R22
0
No Stuf f
SW
15
GATEH
14
PHSIN
5
VCCL
12
DACIN
3
PSI
2
IOUT
1
LGND
4
BOOST
13
NC2
11
U17
IR3507
C20
0.1uF
1
2
L13
No Stuff
C21
0.1uF
C22
10uF
C23
0.1uF
R23
2.32k
C24
0.1uF
C25
0.1 uF
C26
10uF
C2 7
0 .1u F
5
Q13
IRF6629 MX
5
Q14
IRF6622 SQ
VDAC
VCCP
EA
VCCL
CLOCK
ISHARE
12VF
PSI_L
C28
10uF
GH1
SW1
R24
0
GL1
1
2
L14
72nH
PA0512.700
R31
0
No Stuf f
SW
15
GATEH
14
PHSIN
5
VCCL
12
DACIN
3
PSI
2
IOUT
1
LGND
4
BOOST
13
NC2
11
U21
IR3507
C47
0.1uF
C48
0.1uF
1
2
L19
No Stuff
C49
10uF
R32
2.32k
C50
0.1uF
C51
0.1uF
C5 2
0 .1 uF
C53
10uF
C54
0.1 uF
5
Q19
IRF6629 MX
5
Q20
IRF6622 SQ
VDAC
VCCP
EA
VCCL
PHSIN
CLOCK
ISHARE
12VF
PSI_L
C55
10uF
GH1
SW1
R33
0
GL1
1
2
L20
72nH
PA0512.700
VCCL
VCCL
VDRP
R115
17.4k
R105
1.0k
R149
20.0k
No Stuf f
C110
0.1uF
3
Q4
CSDD-25M
No Stuf f
R163
0
TP12
PWRGD
R111 1k
No Stuf f
R122
20.0k
No Stuf f
R109
4.32k
TP4
ISHARE
C101
0.1uF
R101
20.0k
TP3
FB
TP1
VRHOT
R153
4.99k
No Stuf f
R102
3.65k
R150
4.53k
No Stuf f
R106
10 ohm
C105
22nF
No Stuf f
C103
2200pF
F1
15A
R119
20.0k
TP6
OVP
TP11
VCCL
C107
3300pF
R121
No Stuff
No Stuf f
C108
0.1uF
TP5
VDAC
C109
0.1uF
No Stuf f
R120
1.0k
TP7
SS
3
4
1
6
Q5
FDC6320C
No Stuf f
R103
931
R110
7.5k
R112
1k
R114
49.9
TP2
EA
R113
330
R130
0 ohm
No Stuf f
R123
10.0k
No Stuf f
R124 3.0k
F2
15A
C104
47pF
Q6
CJD200
R118
698
C111
4.7uF
VDAC
EA
FB
VID7_CPU
EA
ISHARE
VID6_CPU
VID5_CPU
PHSOUT
CLOCK
VID4_CPU
VID3_CPU
ENABLE
VID1_CPU
VID0_CPU
VID2_CPU
VCCL
12VL
PHSIN
3V3
VR_IOUT
12VF
VOSEN-
VOSEN+
VCCP_VRRDY
C187
0.1u
VCCL=6.8V
VOSEN-
R157
0
R160
0
R154
0
OVP
VID7
1
VID6
2
VID5
3
VID4
4
VID3
5
VID2
6
VID1
7
VID0
8
VDAC
21
VDAC_BUFF
19
VSETPT
20
GND
24
VDRP
17
SS/DEL
22
ROSC
23
VN
18
IR3502
U105
Vo
RT3
10.0K
No Stuf f
VRHOT
3V3
R158
0
R107
8.87k
RT
TP29
IMON
SS
R108
8.45k
SS
RT2
10.0K
VCCL
R151 0
R159
0
ISHARE
C106
100pF
fsw =700kHz
R161
0
RT1
2.2k
R152
191 No Stuf f
C102
1500pF
FB
Q8
CTLT853-M833
No Stuf f
R155
0
VN
R148
0
No Stuf f
OVP
R162
0
R165
0
Figure 20: Design Example Schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com