Electronic Components Datasheet Search
  English  ▼

X  

IR3502 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3502
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3502 Datasheet HTML 3Page - International Rectifier IR3502 Datasheet HTML 4Page - International Rectifier IR3502 Datasheet HTML 5Page - International Rectifier IR3502 Datasheet HTML 6Page - International Rectifier IR3502 Datasheet HTML 7Page - International Rectifier IR3502 Datasheet HTML 8Page - International Rectifier IR3502 Datasheet HTML 9Page - International Rectifier IR3502 Datasheet HTML 10Page - International Rectifier IR3502 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
IR3502
Page 7 of 39
July 28, 2009
Note 1: Guaranteed by design, but not tested in production
Note 2: VDAC Output is trimmed to compensate for Error Amplifier input offsets errors
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRRDY Output
Output Voltage
I(VRRDY) = 4mA
150
300
mV
Leakage Current
V(VRRDY) = 5.5V
0
10
µA
Open Sense Line Detection
Sense Line Detection Active
Comparator Threshold Voltage
150
200
250
mV
Sense Line Detection Active
Comparator Offset Voltage
V(VO) < [V(VOSEN+) – V(LGND)] / 2
30
55
80
mV
VOSEN+ Open Sense Line
Comparator Threshold
Compare to V(VCCL)
87.5
90.0
92.5
%
VOSEN- Open Sense Line
Comparator Threshold
0.36
0.40
0.44
V
Sense Line Detection Source
Currents
V(VO) = 100mV
200
500
700
uA
VRHOT Comparator
Threshold Voltage
1.584
1.600
1.616
V
HOTSET Bias Current
-1
0
1
µA
Hysteresis
75
100
125
mV
Output Voltage
I(VRHOT) = 30mA
150
400
mV
VRHOT Leakage Current
V(VRHOT) = 5.5V
0
10
µA
VCCL Regulator Amplifier
VCCL Output Voltage
6.576
6.8
7.031
V
VCCLDRV Sink Current
10
30
mA
UVLO Start Threshold
Compare to V(VCCL)
6.12
6.392
6.664
V
UVLO Stop Threshold
Compare to V(VCCL)
5.168
5.44
5.712
V
Hysteresis
0.85
0.95
1.05
V
General
VCCL Supply Current
4
8
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com