Electronic Components Datasheet Search
  English  ▼

X  

IR3502 Datasheet(PDF) 39 Page - International Rectifier

Part # IR3502
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502 Datasheet(HTML) 39 Page - International Rectifier

Back Button IR3502 Datasheet HTML 31Page - International Rectifier IR3502 Datasheet HTML 32Page - International Rectifier IR3502 Datasheet HTML 33Page - International Rectifier IR3502 Datasheet HTML 34Page - International Rectifier IR3502 Datasheet HTML 35Page - International Rectifier IR3502 Datasheet HTML 36Page - International Rectifier IR3502 Datasheet HTML 37Page - International Rectifier IR3502 Datasheet HTML 38Page - International Rectifier IR3502 Datasheet HTML 39Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
IR3502
Page 39 of 39
July 28, 2009
PACKAGE INFORMATION
32L MLPQ (5 x 5 mm Body) – θJA = 24.4
oC/W, θ
JC =0.86
oC/W
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
. www.irf.com
www.irf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com