Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 28Page - Infineon Technologies AG TLE5011 Datasheet HTML 29Page - Infineon Technologies AG TLE5011 Datasheet HTML 30Page - Infineon Technologies AG TLE5011 Datasheet HTML 31Page - Infineon Technologies AG TLE5011 Datasheet HTML 32Page - Infineon Technologies AG TLE5011 Datasheet HTML 33Page - Infineon Technologies AG TLE5011 Datasheet HTML 34Page - Infineon Technologies AG TLE5011 Datasheet HTML 35Page - Infineon Technologies AG TLE5011 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
TLE5011
Specification
Final Data Sheet
32
V1.1, 2010-05
3.9.6
Data Communication via SSC
Data communication via the SSC interface has the following characteristics:
•
The data transmission order is “Most Significant Bit (MSB) first”.
•
Data is put on the data line with the rising edge on SCK and read with the falling edge on SCK.
•
The SSC interface is Byte-aligned. All functions are activated after each transmitted Byte.
•
A “high” condition on the negated Chip Select pin (CS) of the selected TLE5011 interrupts the transfer
immediately. The CRC calculator is automatically reset.
•
Every access to the TLE5011 with the number of data (ND)
≥ 1 is performed with address auto-increment.
•
After an auto-increment overflow, the addresses begin from 00
H.
•
For every data transfer with ND
≥ 1, an 8-bit CRC Byte will be appended by the selected TLE5011. No CRC
Byte is sent in a data transfer with ND = 0 (e.g. Update Command).
•
After the CRC Byte is sent, the bit represented by S_NO is pulled low by the selected slave in the Slave-Active-
Byte (bits [3..0], low nibble). In this way, broadcast messages also produce individual feedback of every
selected slave. This is necessary to differentiate among the individual TLE5011 slave responses, because the
CRC Byte is written by both TLE5011 units in parallel.
•
If the CRC Byte on the bus is the same as the internally generated CRC of each TLE5011, each slave pulls
the dedicated bit in the Slave-Active Byte (bits [7..4], high nibble) low. If not, the bit in the high nibble remains 1.
•
A write command to address 00
H with ND = 0 will update all values inside the TLE5011, and only in this case
can the transfer proceed. Furthermore, this command is added to the CRC calculation of the following
SSC transfer.
•
A command of 0000_0000 is called Update Command.
This command transfers the present immediate values of each register to the update register. After an Update
Command, the CS line does not need to be set and reset again.
•
The transfer ends after the CRC and Slave-active Byte have been sent.
The TLE5011 always sends logical 1 and all following sent bits from the SSC Master are ignored (TLE5011 is
in Idle mode). To enable data transfers again, the Chip Select pin (CS) of the TLE5011 must be deselected for
CS
off (see Table 11) once.
•
If the Update Mode is selected (CTRL register, UR = 1), all accesses are performed to update registers where
update registers are present. Other registers are accessed directly.
VRA_OV
3
R S
Analog Voltage Regulator Overvoltage Comparator
0: Voltage ok
1: VRA Overvoltage occurred
VRD_OV
2
R S
Digital Voltage Regulator Overvoltage Comparator
0: Voltage ok
1: VRD Overvoltage occurred
S_NO
1-0
W L
Slave Number
Used in the SSC protocol
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com