Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 29Page - Infineon Technologies AG TLE5011 Datasheet HTML 30Page - Infineon Technologies AG TLE5011 Datasheet HTML 31Page - Infineon Technologies AG TLE5011 Datasheet HTML 32Page - Infineon Technologies AG TLE5011 Datasheet HTML 33Page - Infineon Technologies AG TLE5011 Datasheet HTML 34Page - Infineon Technologies AG TLE5011 Datasheet HTML 35Page - Infineon Technologies AG TLE5011 Datasheet HTML 36Page - Infineon Technologies AG TLE5011 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
TLE5011
Specification
Final Data Sheet
33
V1.1, 2010-05
3.9.7
CRC Generation
These are the requirements for CRC generation:
•
This CRC is defined according to the J1850 Bus-Specification of 15.Feb.1994 for Class B Data
Communication.
•
Every new transfer resets the CRC generation.
•
Every Byte of a transfer will be taken into account to generate the CRC [also the sent command(s)].
•
Generator Polynomial: X8+X4+X3+X2+1, the fast CRC generation circuit, is used for CRC generation.
(See Figure 15)
•
The remainder of the fast CRC circuit is initially set to 11111111
B.
•
The remainder is bit-inverted before transmission.
Figure 15 shows the fast CRC Polynomial.
The zero extension for initial CRC calculation is included!
Figure 15
Fast CRC Polynomial Division Circuit
3.9.8
Slave-active Byte Generation
The position of the 0 in a nibble corresponds to the given slave number.
The slave-active Byte (cccc_nnnn) consists of:
•
low nibble (nnnn). One 0 is generated always according to the slave number.
•
high nibble (cccc). The 0 is only generated, if the readback CRC is correct.
Slave1: S_NO = 0
bit 0 is pulled low Slave-active Byte: 1110_1110
Slave2: S_NO = 1
bit 1 is pulled low Slave-active Byte: 1101_1101
Slave3: S_NO = 2
bit 2 is pulled low Slave-active Byte: 1011_1011
Slace4: S_NO = 3
bit 3 is pulled low Slave-active Byte: 0111_0111
Example of a communication disturbed by other bus participants:
Slave1: S_NO = 0
bit 0 is pulled low, but the high nibble remains as ’1111’.
> Slave-active Byte: 1111_1110
X7
X6
X5
X4
X3
X2
X0
xor
Input
Serial
CRC
output
TX_CRC
X1
1
1
xor
1
xor
1
xor
1
1
1
1
&
parallel Remainder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com