Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 14Page - Infineon Technologies AG TLE5011 Datasheet HTML 15Page - Infineon Technologies AG TLE5011 Datasheet HTML 16Page - Infineon Technologies AG TLE5011 Datasheet HTML 17Page - Infineon Technologies AG TLE5011 Datasheet HTML 18Page - Infineon Technologies AG TLE5011 Datasheet HTML 19Page - Infineon Technologies AG TLE5011 Datasheet HTML 20Page - Infineon Technologies AG TLE5011 Datasheet HTML 21Page - Infineon Technologies AG TLE5011 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
TLE5011
Specification
Final Data Sheet
18
V1.1, 2010-05
3.5
Calibration
GMR Values
The end-of-line calibration can be accomplished using following sequence:
1. Turn magnetic field 360° left and measure X and Y values
2. Calculate amplitude, offset, phase correction values of left turn
3. Turn further 90° left and 90° back right without measurement
4. Turn magnetic field 360° right and measure X and Y values
5. Calculate amplitude, offset, phase correction values of right turn
6. Calculate mean values of amplitude, offset, phase correction values
The conditions are specified in Table 7.
The values obtained from this sequence must be stored in a non-volatile memory. They are used for the correction
of the read-out X and Y values before the angular calculation.
The resulting angular deviation is calculated using the parameters determined above.
Temperature Measurement
The signal amplitude T
25 of the temperature measurement path at the calibration conditions must be measured
and stored.
Calibration Conditions
All errors are related to calibration performed by Infineon under the following conditions:
3.6
Angle Calculation
3.6.1
Components of the Output Signals
The X and Y signals at the output can be described by the following equations:
AX : Amplitude of X (= cos) signal
AY : Amplitude of Y (= sin) signal
OX : Offset of X (= cos) signal
OY : Offset of Y (= sin) signal
ϕ
X : Phase error of X (= cos) signal
ϕ
Y : Phase error of Y (= sin) signal
3.6.2
GMR Error Compensation
Temperature-dependent Offset Value
To increase the accuracy, the temperature-dependent offset drift can be compensated. The temperature of the
chip must be read out. The offset values O
X and OY can be described by the following equations.
Table 7
GMR test calibration conditions at IFX
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Flux density
BCAL
-
30
-
mT
BZ = 0 mT
Temperature
TCAL
-
25
-
°C
XA
X
αϕ
X
+
()
cos
×
O
X
+
=
YA
Y
αϕ
Y
+
()
sin
×
O
Y
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com