Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 15Page - Infineon Technologies AG TLE5011 Datasheet HTML 16Page - Infineon Technologies AG TLE5011 Datasheet HTML 17Page - Infineon Technologies AG TLE5011 Datasheet HTML 18Page - Infineon Technologies AG TLE5011 Datasheet HTML 19Page - Infineon Technologies AG TLE5011 Datasheet HTML 20Page - Infineon Technologies AG TLE5011 Datasheet HTML 21Page - Infineon Technologies AG TLE5011 Datasheet HTML 22Page - Infineon Technologies AG TLE5011 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
TLE5011
Specification
Final Data Sheet
19
V1.1, 2010-05
O
X
25 , OY25 : Offset value at 25°C in digits
T
25 : Temperature value at 25°C in digits
T
: Temperature value in digits
S
T : Sensitivity of the temperature measurement path, (see “Temperature Measurement” on Page 37).
Offset Correction
After the X and Y values are read out, the temperature-corrected offset value must be subtracted.
Amplitude Normalization
Next, the X and Y values are normalized using the peak values determined in the calibration.
Non-Orthogonality Correction
The influence of the non-orthogonality can be compensated using thefollowing equation, in which only the Y
channel must be corrected.
Resulting Angle
After correction of all errors, the resulting angle can be calculated using the arctan function
1).
1) Microcontroller function “arctan2(Y
3,X2)” to resolve 360°
O
X
O
X25
KT
OX
S
T
--------------
TT
25
–
()
×
+
=
O
Y
O
Y25
KT
OY
S
T
--------------
TT
25
–
()
×
+
=
X
1
XO
X
–
=
Y
1
YO
Y
–
=
X
2
X
1
A
X
------
=
Y
2
Y
1
A
Y
------
=
Y
3
Y
2
X
2
ϕ
–
()
sin
×
–
ϕ
–
()
cos
-------------------------------------------
=
α
arc
Y
3
X
2
------
⎝⎠
⎛⎞
tan
ϕ
X
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com