Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 35Page - Infineon Technologies AG TLE5011 Datasheet HTML 36Page - Infineon Technologies AG TLE5011 Datasheet HTML 37Page - Infineon Technologies AG TLE5011 Datasheet HTML 38Page - Infineon Technologies AG TLE5011 Datasheet HTML 39Page - Infineon Technologies AG TLE5011 Datasheet HTML 40Page - Infineon Technologies AG TLE5011 Datasheet HTML 41Page - Infineon Technologies AG TLE5011 Datasheet HTML 42Page - Infineon Technologies AG TLE5011 Datasheet HTML 43Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
TLE5011
Specification
Final Data Sheet
39
V1.1, 2010-05
3.11
Overvoltage Comparators
Various comparators monitor the voltage in order to ensure error-free operation.
The overvoltages must be active for at least t
DEL to set the test comparator bits in the SSC interface registers. This
works as digital spike suppression.
3.11.1
Internal Supply Voltage Comparators
Every voltage regulator has an overvoltage comparator to detect a malfunction.
If the nominal output voltage of 2.5 V is larger than V
OVG, VOVA and VOVD, then this overvoltage comparator is
activated. It sets the VRx_OV bit.
.
Figure 19
OV Comparator
3.11.2
V
DD Overvoltage Detection
The Overvoltage Detection Comparator monitors the external supply voltage at the V
DD pin. It activates the
STAT_VR (see Figure 19).
3.11.3
GND-off Comparator
The GND-off Comparator is used to detect a voltage difference between the GND pin and TST1 (which must be
soldered to GND in the application). It activates the STAT_VR bit. This circuit can detect a disconnection of the
Supply GND Pin.
Table 18
Test Comparators
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Overvoltage Detection
VOVG
-
2.80
-
V
VOVA
-
2.80
-
V
VOVD
-
2.80
-
V
VDD Overvoltage
VDDOV
-
6.5
-
V
GND - off Voltage
VGNDoff
-
0.54
-
V
VGNDoff = VGND - VTST1
VDD - off Voltage
VVDDoff
-
0.48
-
V
VVDDoff = VCLK - VDD
or V
SCK - VDD
Spike filter Delay
tDEL
-
10
-
µs
The error condition has to last longer
than this value
(min. 256 clocks of f
DIG)
REF
-
+
10µs
Spike
Filter
xxx_OV
V
DDA
GND
GND
V
DD
V
RG
V
RA
V
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com