Electronic Components Datasheet Search
  English  ▼

X  

PCA85232 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCA85232
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCA85232 Datasheet HTML 27Page - NXP Semiconductors PCA85232 Datasheet HTML 28Page - NXP Semiconductors PCA85232 Datasheet HTML 29Page - NXP Semiconductors PCA85232 Datasheet HTML 30Page - NXP Semiconductors PCA85232 Datasheet HTML 31Page - NXP Semiconductors PCA85232 Datasheet HTML 32Page - NXP Semiconductors PCA85232 Datasheet HTML 33Page - NXP Semiconductors PCA85232 Datasheet HTML 34Page - NXP Semiconductors PCA85232 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
31 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
10. Static characteristics
Table 18.
Static characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 1.8 V to 8.0 V; Tamb = −40 °C to +95 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
1.8
-
5.5
V
VLCD
LCD supply voltage
1.8
-
8.0
V
IDD
supply current
fclk(ext) = 3.500 kHz
[1][2][3] --30
μA
with internal oscillator running
[1][3] --80
μA
IDD(LCD)
LCD supply current
fclk(ext) = 3.500 kHz
[1][2][4] --60
μA
with internal oscillator running
[1][4] --80
μA
Logic
VI
input voltage
on pins SDA and SCL
−0.5
-
+5.5
V
all other input pins
−0.5
-
VDD +0.5 V
VIH
HIGH-level input voltage
on pins CLK, SYNC, OSC, A0, A1,
SA0, SCL, and SDA
0.7VDD
--
V
VIL
LOW-level input voltage
on pins CLK, SYNC, OSC, A0, A1,
SA0, SCL, and SDA
--0.3VDD
V
VO
output voltage
on pins CLK and SYNC
−0.5
-
VDD +0.5 V
on pin SDAACK
−0.5
-
+5.5
V
VOH
HIGH-level output voltage on pin SYNC, CLK
0.8VDD
-VDD
V
VOL
LOW-level output voltage
on pin SYNC, CLK, SDAACK
VSS
-0.2VDD
V
IOH
HIGH-level output current output source current;
VOH =4.6 V; VDD = 5 V; on pin CLK
1.5
-
-
mA
IOL
LOW-level output current
output sink current;
on pins CLK and SYNC
VOL =0.4 V; VDD =5V
1.5
-
-
mA
on pin SDAACK
VDD ≤ 2 V; VOL =0.2VDD
3-
-
mA
2 V < VDD < 3 V; VOL =0.4 V
3
-
-
mA
VDD ≥ 3V; VOL =0.4 V
6
-
-
mA
VPOR
power-on reset voltage
1.0
1.3
1.6
V
IL
leakage current
VI =VDD or VSS; on pin OSC,
CLK, A0, A1, SA0, SDA, and SCL
−1-
+1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com