Electronic Components Datasheet Search
  English  ▼

X  

PCA85232 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCA85232
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCA85232 Datasheet HTML 30Page - NXP Semiconductors PCA85232 Datasheet HTML 31Page - NXP Semiconductors PCA85232 Datasheet HTML 32Page - NXP Semiconductors PCA85232 Datasheet HTML 33Page - NXP Semiconductors PCA85232 Datasheet HTML 34Page - NXP Semiconductors PCA85232 Datasheet HTML 35Page - NXP Semiconductors PCA85232 Datasheet HTML 36Page - NXP Semiconductors PCA85232 Datasheet HTML 37Page - NXP Semiconductors PCA85232 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
34 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
11. Dynamic characteristics
[1]
Typical output duty factor: 50 % measured at the CLK output pin.
[2]
For the respective frame frequency ffr see Table 16.
[3]
For the characteristics of VDD at a fixed temperature or of the temperature at a fixed VDD, see Figure 22 and Figure 23.
[4]
For fCLK(ext) > 4 kHz it is recommended to use an external pull-up resistor between pin SYNC and pin VDD. The value of the resistor
should be between 100 k
Ω and 1 MΩ.
[5]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
Table 19.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 1.8 V to 8.0 V; Tamb = −40 °C to +95 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin CLK;
VDD =5V ± 0.5 V
[1][2][3] 3050 3500 4052 Hz
fclk(ext)
external clock frequency
[4] 700
-
5000 Hz
tclk(H)
HIGH-level clock time
external clock source used
100
-
-
μs
tclk(L)
LOW-level clock time
external clock source used
100
-
-
μs
Δf
fr
frame frequency variation
VDD =5V ± 0.5 V
ffr = 146 Hz; Tamb =30 °C
−5.1 -
+5.1
%
ffr = 135 Hz; Tamb =95 °C
−6.2 -
+6.9
%
ffr = 157 Hz; Tamb = −40 °C
−7.8 -
+7.6
%
tPD(SYNC_N) SYNC propagation delay
-
30
-
ns
tSYNC_NL
SYNC LOW time
100
-
-
μs
tPD(drv)
driver propagation delay
VLCD = 5 V
-
10
-
μs
Timing characteristics: I2C-bus[5]
fSCL
SCL clock frequency
-
-
400
kHz
tBUF
bus free time between a STOP and START
condition
1.3
-
-
μs
tHD;STA
hold time (repeated) START condition
0.6
-
-
μs
tSU;STA
set-up time for a repeated START condition
0.6
-
-
μs
tVD;ACK
data valid acknowledge time
-
-
0.9
μs
tLOW
LOW period of the SCL clock
1.3
-
-
μs
tHIGH
HIGH period of the SCL clock
0.6
-
-
μs
tf
fall time
of both SDA and SCL signals
-
-
0.3
μs
tr
rise time
of both SDA and SCL signals
-
-
0.3
μs
Cb
capacitive load for each bus line
-
-
400
pF
tSU;DAT
data set-up time
200
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP condition
0.6
-
-
μs
tSP
pulse width of spikes that must be
suppressed by the input filter
--50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com