Electronic Components Datasheet Search
  English  ▼

X  

PCA85232 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCA85232
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCA85232 Datasheet HTML 33Page - NXP Semiconductors PCA85232 Datasheet HTML 34Page - NXP Semiconductors PCA85232 Datasheet HTML 35Page - NXP Semiconductors PCA85232 Datasheet HTML 36Page - NXP Semiconductors PCA85232 Datasheet HTML 37Page - NXP Semiconductors PCA85232 Datasheet HTML 38Page - NXP Semiconductors PCA85232 Datasheet HTML 39Page - NXP Semiconductors PCA85232 Datasheet HTML 40Page - NXP Semiconductors PCA85232 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
37 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
12. Application information
12.1 Pull-up resistor sizing on I2C-bus
12.1.1 Max value of pull-up resistor
The bus capacitance (Cb) is the total capacitance of wire, connections, and pins. This
capacitance on pin SDA limits the maximum value of the pull-up resistor (RPU) due to the
specified rise time.
According to the I2C-bus specification the rise time (tr) is defined between the VDD related
input threshold of VIL =0.3VDD and VIH =0.7VDD. The value for tr(max) is 300 ns.
tr will be calculated with Equation 8:
(8)
whereas t1 and t2 are the time since the charging started. The values for t1 and t2 are
derivatives of the functions V(t1) and V(t2):
(9)
(10)
with the results of
(11)
(12)
(13)
RPU(max) is a function of the rise time (tr) and the bus capacitance (Cb) and will be
calculated with Equation 14:
(14)
12.1.2 Min value of pull-up resistor
The supply voltage limits the minimum value of resistor RPU due to the specified minimum
sink current (see value of IOL on pin SDAACK in Table 18). RPU(min) as a function of VDD is
calculated with Equation 15:
(15)
The designer now has the minimum and maximum value of RPU. The values for RPU(max)
and RPU(min) are shown in Figure 26 and Figure 27.
t
r
t2
t1
–
=
Vt1
()
0.3V
DD
V
DD 1e
-t1 R
PU Cb
⁄
–
()
==
Vt2
()
0.7V
DD
V
DD 1e
-t2 R
PU Cb
⁄
–
()
==
t1
R
–
PUCb
ln 0.7
()
×
=
t2
R
–
PUCb
ln 0.3
()
×
=
t
r
R
–
PUCb
ln 0.3
()
R
PUCb
ln 0.7
()
×
+
×
=
R
PU max
()
t
r
0.8473C
b
-----------------------
300
10 9
–
×
0.8473C
b
--------------------------
=
=
R
PU min
()
V
DD
V
OL
–
I
OL
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com