Electronic Components Datasheet Search
  English  ▼

X  

PCA85232 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA85232
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA85232 Datasheet HTML 1Page - NXP Semiconductors PCA85232 Datasheet HTML 2Page - NXP Semiconductors PCA85232 Datasheet HTML 3Page - NXP Semiconductors PCA85232 Datasheet HTML 4Page - NXP Semiconductors PCA85232 Datasheet HTML 5Page - NXP Semiconductors PCA85232 Datasheet HTML 6Page - NXP Semiconductors PCA85232 Datasheet HTML 7Page - NXP Semiconductors PCA85232 Datasheet HTML 8Page - NXP Semiconductors PCA85232 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1.
General description
The PCA85232 is a peripheral device which interfaces to almost any Liquid Crystal
Display (LCD)1 with low multiplex rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up to 160 segments. It can be
easily cascaded for larger LCD applications. The PCA85232 is compatible with most
microprocessors or microcontrollers and communicates via a two-line bidirectional
I2C-bus. Communication overheads are minimized by a display RAM with
auto-incremented addressing, by hardware subaddressing, and by display memory
switching (static and duplex drive modes).
AEC-Q100 compliant for automotive applications.
2.
Features and benefits
Single-chip LCD controller and driver for up to 640 elements
Selectable backplane drive configuration: static, 2, 3, or 4 backplane multiplexing
160 segment drives:
Up to eighty 7-segment numeric characters
Up to forty 14-segment alphanumeric characters
Any graphics of up to 640 elements
May be cascaded for large LCD applications (up to 5120 elements possible)
160
× 4-bit RAM for display data storage
Software programmable frame frequency in the range of 117 Hz to 176 Hz; factory
calibrated
Wide LCD supply range: from 1.8 V for low threshold LCDs and up to 8.0 V for
guest-host LCDs and high threshold (automobile) twisted nematic LCDs
Internal LCD bias generation with voltage-follower buffers
Selectable display bias configuration: static, 1
⁄
2,or
1
⁄
3
Wide power supply range: from 1.8 V to 5.5 V
LCD and logic supplies may be separated
Low power consumption, typical: IDD = 4 μA, IDD(LCD) = 65 μA
400 kHz I2C-bus interface
Auto-incremental display data loading across device subaddress boundaries
Versatile blinking modes
Compatible with Chip-On-Glass (COG) technology
No external components
Two sets of backplane outputs for optimal COG configurations of the application
PCA85232
LCD driver for low multiplex rates
Rev. 1 — 8 December 2010
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 15.


Similar Part No. - PCA85232

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA85232 NXP-PCA85232 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA85232U NXP-PCA85232U Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA85232U NXP-PCA85232U Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCA85232U NXP-PCA85232U Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCA85232U NXP-PCA85232U Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
More results

Similar Description - PCA85232

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM4068 PHILIPS-OM4068 Datasheet
156Kb / 28P
LCD driver for low multiplex rates
1998 Jun 18
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
LCD driver for low multiplex rates
Rev. 1-23 November 2010
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com