Electronic Components Datasheet Search
  English  ▼

X  

MMA7456LR2 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MMA7456LR2
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LR2 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MMA7456LR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Sensors
Freescale Semiconductor
23
MMA7456L
Signed byte data (2’s complement): 0g = 8’h00
DRDY
1: Data is ready
0: Data is not ready
DOVR
1: Data is over written
0: Data is not over written
PERR
1: Parity error is detected in trim data. Then, self-test is dis-
abled
0: Parity error is not detected in trim data
LDX
1: Level detection detected on X-axis
0: Level detection not detected on X-axis
LDY
1: Level detection detected on Y-axis
0: Level detection not detected on Y-axis
LDZ
1: Level detection detected on Z-axis
0: Level detection not detected on Z-axis
PDX *Note
1: Pulse is detected on X-axis at single pulse detection
0: Pulse is not detected on X-axis at single pulse detection
PDY *Note
1: Pulse is detected on Y-axis at single pulse detection
0: Pulse is not detected on Y-axis at single pulse detection
PDZ *Note
1: Pulse is detected on Z-axis at single pulse detection
0: Pulse is not detected on Z-axis at single pulse detection
Note: This bit value is not valid at double pulse detection
INT1
1: Interrupt assigned by INTRG[1:0] bits in Control 1
Register ($18) and is detected
0: Interrupt assigned by INTRG[1:0] bits in Control 1
Register ($18) and is not detected
INT2
1: Interrupt assigned by INTRG[1:0] bits in Control 1
Register ($18) and is detected
0: Interrupt assigned by INTRG[1:0] bits in Control 1
Register ($18) and is not detected
*Note: Must define DRDY to be an output to either INT1 or
not. This is done through bit DRPD located in Register $16.
I2CDIS
0: I2C and SPI are available.
1: I2C is disabled.
DVAD[6:0]: I2C device address
UI2[7:0]: User information
$08: 8bits Output Value Z (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
ZOUT[7]
ZOUT [6]
ZOUT [5]
ZOUT [4]
ZOUT [3]
ZOUT [2]
ZOUT [1]
ZOUT [0]
Function
0
0
0
0
0
0
0
0
Default
$09: Status Register (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
--
--
--
--
PERR
DOVR
DRDY
Function
0
0
0
0
0
0
0
0
Default
$0A: Detection Source Register (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
LDX
LDY
LDZ
PDX
PDY
PDZ
INT2
INT1
Function
0
0
0
0
0
0
0
0
Default
$0D: I2C Device Address (Bit 6-0: Read only, Bit 7: Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
I2CDIS
DVAD[6]
DVAD[5]
DVAD[4]
DVAD[3]
DVAD[2]
DVAD[1]
DVAD[0]
Function
0
0
0
1
1
1
0
1
Default
$0E: User Information (Read Only: Optional)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
UI[7]
UI[6]
UI[5]
UI[4]
UI[3]
UI[2]
UI[1]
UI[0]
Function
0/OTP
0/OTP
0/OTP
0/OTP
0/OTP
0/OTP
0/OTP
0/OTP
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com