Electronic Components Datasheet Search
  English  ▼

X  

MMA7456LR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA7456LR2
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA7456LR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Sensors
Freescale Semiconductor
5
MMA7456L
Table 1. Pin Descriptions
*This address selection capability is not enabled at the default state. If the user wants to use it, factory programming is required. If activated
(pin 4 on the device is active).
<$1D = 0001 1101 > bit 0 is VDD on pin 4
<$1C = 0001 1100 > bit 0 is GND on pin 4. If the pin is programmed it cannot be left NC.
Figure 2. Simplified Accelerometer Functional Block Diagram
Pin #
Pin Name
Description
Pin Status
1
DVDD_IO
Digital Power for I/O pads
Input
2
GND
Ground
Input
3
N/C
No internal connection. Leave unconnected or connect to Ground.
Input
4
IADDR0
I2C Address Bit 0 (optional)*
Input
5
GND
Ground
Input
6
AVDD
Analog Power
Input
7CS
SPI Enable (0), I2C Enable (1)
Input
8
INT1/DRDY
Interrupt 1/ Data Ready
Output
9
INT2
Interrupt 2
Output
10
N/C
No internal connection. Leave unconnected or connect to Ground.
Input
11
N/C
Leave unconnected or connect to Ground.
Input
12
SDO
SPI Serial Data Output
Output
13
SDA/SDI/SDO
I2C Serial Data (SDA), SPI Serial Data Input (SDI), 3-wire interface Serial Data Output (SDO) Open Drain/Input/Output
14
SCL/SPC
I2C Serial Clock (SCL), SPI Serial Clock (SPC)
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com