Electronic Components Datasheet Search
  English  ▼

X  

MMA7456LR2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMA7456LR2
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LR2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMA7456LR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Sensors
Freescale Semiconductor
20
MMA7456L
Figure 16. SPI Connection to MCU
NOTES:
1.
Use a 0.1
μF and a 10 μF capacitor on AVDD to and DVDD to decouple the power source.
2.
Physical coupling distance of the accelerometer to the microcontroller should be minimal.
3.
PCB layout of power and ground should not couple power supply noise.
4.
Accelerometer and microcontroller should not be a high current path.
5.
Any external power supply switching frequency should be selected such that they do not interfere with the internal
accelerometer sampling frequency (sampling frequency). This will prevent aliasing errors.
6.
Physical distance of the two GND pins (Pin 2 and Pin 5) tied together should be at the shortest distance.
R2
R1
AVDD
DVDD
DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com