Electronic Components Datasheet Search
  English  ▼

X  

MMA7456LR2 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MMA7456LR2
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LR2 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MMA7456LR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Sensors
Freescale Semiconductor
24
MMA7456L
Signed byte data (2’s complement): User level offset trim value for X-axis
*Bit weight is for 8g 10bit data output. Typical value for reference only. Variation is specified in “Electrical Characteristics” section.
Signed byte data (2’s complement): User level offset trim value for X-axis
Signed byte data (2’s complement): User level offset trim value for Y-axis
*Bit weight is for 2g 8bit data output. Typical value for reference only. Variation is specified in “Electrical Characteristics” section.
Signed byte data (2’s complement): User level offset trim value for Y-axis
*Bit weight is for 2g 8bit data output. Typical value for reference only. Variation is specified in “Electrical Characteristics” section.
Signed byte data (2’s complement): User level offset trim value for Z-axis
*Bit weight is for 2g 8bit data output. Typical value for reference only. Variation is specified in “Electrical Characteristics” section.
$0F: “Who Am I” Value (Read only: Optional)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
ID[7]
ID [6]
ID [5]
ID [4]
ID [3]
ID [2]
ID [1]
ID [0]
Function
0/OTP
0/OTP
0/OTP
0/OTP
0/OTP
0/OTP
0/OTP
0/OTP
Default
$10: Offset Drift X LSB (Read/Write)
The following Offset Drift Registers are used for setting and storing the offset calibrations to eliminate the 0g offset. Please refer
to Freescale application note AN3745 for detailed instructions on the process to set and store the calibration values.
D7
D6
D5
D4
D3
D2
D1
D0
Bit
XOFF[7]
XOFF [6]
XOFF [5]
XOFF [4]
XOFF [3]
XOFF [2]
XOFF [1]
XOFF [0]
Function
0
0
0
0
0
0
0
0
Default
Bit
XOFF[7]
XOFF[6]
XOFF[5]
XOFF[4]
XOFF[3]
XOFF[2]
XOFF[1]
XOFF[0]
Weight*
64 LSB
32 LSB
16 LSB
8 LSB
4 LSB
2 LSB
1 LSB
0.5 LSB
$11: Offset Drift X MSB (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
--
--
--
--
XOFF [10]
XOFF [9]
XOFF [8]
Function
0
0
0
0
0
0
0
0
Default
$12: Offset Drift Y LSB (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
YOFF[7]
YOFF [6]
YOFF [5]
YOFF [4]
YOFF [3]
YOFF [2]
YOFF [1]
YOFF [0]
Function
0
0
0
0
0
0
0
0
Default
Bit
YOFF[7]
YOFF[6]
YOFF[5]
YOFF[4]
YOFF[3]
YOFF[2]
YOFF[1]
YOFF[0]
Weight*
64 LSB
32 LSB
16 LSB
8 LSB
4 LSB
2 LSB
1 LSB
0.5 LSB
$13: Offset Drift Y MSB (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
--
--
--
--
YOFF [10]
YOFF [9]
YOFF [8]
Function
0
0
0
0
0
0
0
0
Default
Bit
YOFF[10]
YOFF[9]
YOFF[8]
Weight*
Polarity
256 LSB
128 LSB
$14: Offset Drift Z LSB (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
ZOFF[7]
ZOFF[6]
ZOFF[5]
ZOFF[4]
ZOFF[3]
ZOFF[2]
ZOFF[1]
ZOFF[0]
Function
0
0
0
0
0
0
0
0
Default
Bit
ZOFF[7]
ZOFF[6]
ZOFF[5]
ZOFF[4]
ZOFF[3]
ZOFF[2]
ZOFF[1]
ZOFF[0]
Weight*
64 LSB
32 LSB
16 LSB
8 LSB
4 LSB
2 LSB
1 LSB
0.5 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com