Electronic Components Datasheet Search
  English  ▼

X  

MMA7456LR2 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MMA7456LR2
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LR2 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MMA7456LR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Sensors
Freescale Semiconductor
32
MMA7456L
Figure 23. MMA7456L Temperature Coefficient of Offset (TCO) and
Temperature Coefficient of Sensitivity (TCS) Distribution Charts
Figure 24. MMA7456L Current Distribution Charts
LSL
USL
Target
-0.02
-0.01
0
0.01
0.02
Ysens_%/DegreeC_-40to85
LSL
USL
Target
-0.03 -0.02 -0.01
0
0.01
0.02
0.03
Zsens_%/DegreeC_-40to85
LSL
USL
Targ et
-3
-2
-1
0
1
2
3
Zoff_mg/degreeC_-40to85
LSL
USL
Targ et
-3
-2
-1
0
1
2
3
Yoff_mg/degree C_-40to85
LSL
USL
Target
-0.02
-0.01
0
0.01
0.02
Xsens_%/DegreeC_-40to85
LSL
USL
Targ et
-3
-2
-1
0
1
2
3
Xoff_mg/degreeC_-40to85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com