Electronic Components Datasheet Search
  English  ▼

X  

MMA7456LR2 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMA7456LR2
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LR2 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMA7456LR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7456LR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Sensors
Freescale Semiconductor
17
MMA7456L
SINGLE BYTE WRITE
To start a write command, the Master transmits a start condition (ST) to the MMA7456L, slave address ($1D) with the R/W bit set
to “0” for a write, the MMA7456L sends an acknowledgement. Then the Master (MCU) transmits the 8-bit address of the register
to write to, and the MMA7456L sends an acknowledgement. Then the Master (or MCU) transmits the 8-bit data to write to the
designated register and the MMA7456L sends an acknowledgement that it has received the data. Since this transmission is com-
plete, the Master transmits a stop condition (SP) to the data transfer. The data sent to the MMA7456L is now stored in the ap-
propriate register. See Figure 9.
Figure 7. Single Byte Read - The Master is reading one address from the MMA7456L
Figure 8. Multiple Bytes Read - The Master is reading multiple sequential registers from the MMA7456L
Figure 9. Single Byte Write - The Master (MCU) is writing to a single register of the MMA7456L
MULTIPLE BYTES WRITE
The MMA7456L automatically increments the received register address commands after a write command is received. Therefore,
after following the steps of a single byte write, multiple bytes of data can be written to sequential registers after each MMA7456L
acknowledgment (ACK) is received. See Figure 10.
Figure 10. Multiple Byte Writes - The Master (MCU) is writing to multiple sequential registers of the MMA7456L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com