Electronic Components Datasheet Search
  English  ▼

X  

SMRT2805D Datasheet(PDF) 17 Page - Interpoint Corporation Company

Part # SMRT2805D
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2805D Datasheet(HTML) 17 Page - Interpoint Corporation Company

Back Button SMRT2805D Datasheet HTML 11Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 12Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 13Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 14Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 15Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 16Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 17Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 18Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 19Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
CLASS H AND K, MIL-PRF-38534 ELEMENT EVALUATION
COmpOnent-level test
perFOrmed
spaCe prOtOtype (O)
nOn-Qml1
Class h
Qml
Class K
Qml
M/S 2
P 3
M/S 2
P 3
M/S 2
P 3
Element Electrical
yes
no
yes
yes
yes
yes
Element Visual
no
no
yes
yes
yes
yes
Internal Visual
no
N/A
yes
N/A
yes
N/A
Temperature Cycling
no
no
no
no
yes
yes
Constant Acceleration
no
no
no
no
yes
yes
Interim Electrical
no
N/A
no
N/A
yes
N/A
Burn-in
no
N/A
no
N/A
yes
N/A
Post Burn-in Electrical
no
N/A
no
N/A
yes
N/A
Steady State Life
no
N/A
no
N/A
yes
N/A
Voltage Conditioning Aging
N/A
no
N/A
no
N/A
yes
Visual Inspection
no
no
N/A
no
N/A
yes
Final Electrical
no
no
yes
yes
yes
yes
Wire Bond Evaluation
no
no
yes
yes
yes
yes
SEM
no
N/A
no
N/A
yes
N/A
SLAM™/C-SAM:
Input capacitors only
(Add’l test, not req. by H or K)
no
no
no
yes
no
yes
notes:
1. non-QML products do not meet all of the requirements of MIL-PRF-38534.
2. M/S = Active components (Microcircuit and Semiconductor Die)
3. P = Passive components
Definitions:
Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534
SEM: Scanning Electron Microscopy
SLAM™: Scanning Laser Acoustic Microscopy
C-SAM: C - Mode Scanning Acoustic Microscopy
SCreenIng table 1: element eValuatIOn
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 17 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com