Electronic Components Datasheet Search
  English  ▼

X  

SMRT2805D Datasheet(PDF) 16 Page - Interpoint Corporation Company

Part # SMRT2805D
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2805D Datasheet(HTML) 16 Page - Interpoint Corporation Company

Back Button SMRT2805D Datasheet HTML 11Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 12Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 13Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 14Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 15Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 16Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 17Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 18Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 19Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
BOTTOM VIEW CASE S
Seal hole: 0.135 ±0.005 (3.43 ±0.13)
Angled corner
indicates pin 1
6 x 0.135 (3.43) dia.
12 x 0.040 ± 0.002 dia.
(1.02 ± 0.05)
1
2
3
4
5
14
13
12
11
10
9
8
1.700 (43.18)
1.500 (38.10)
1.300 (33.02)
1.100 (27.94)
0.900 (22.86)
0.700 (17.78)
0.500 (12.70)
3x 2.075 (52.68)
3x 0.125 (3.15)
0.00
Materials
Header Cold Rolled Steel/Nickel
Cover Kovar/Nickel
Pins
#52 alloy/gold, ceramic seal
Case S, Rev C, 20091020
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin
2.205 max (56.01)
FIgure 4: CaSe S
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 16 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com