Electronic Components Datasheet Search
  English  ▼

X  

SMRT2805D Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # SMRT2805D
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2805D Datasheet(HTML) 2 Page - Interpoint Corporation Company

  SMRT2805D Datasheet HTML 1Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 2Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 3Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 4Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 5Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 6Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 7Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 8Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
unDerVOltage lOCkOut
The converters have an undervoltage lockout that will allow
power conversion at approximately 17 volts on a rising input
voltage and a conversion shut-down on a falling voltage at
approximately 14.5 volts.
InhIbIt FunCtIOn
The SMRT28 Series incorporates an inhibit terminal that can be
used to disable internal switching. It is not recommended to tie
the Inhibit pin of an SMRT28 directly to the Inhibit pin of another
converterastheSMRT28Inhibitpincansinkcurrent.When
pulling multiple inhibit signals low a separate interface is recom-
mended for each SMRT28. The converter is inhibited when the
inhibit pin is pulled low (0.4 V). In the inhibit mode the inhibit pin
current requirement is less than ~2 mA. The converter resumes
normaloperationwhenahigh(≥2.4V)signaloropencircuitis
applied to the inhibit pin. The open circuit voltage of the inhibit is
5 to 6 volts. Although open circuit is the preferred method for the
enabled state, up to 10 volts may be applied to the inhibit pin.
SynChrOnIzatIOn
The Sync Input is isolated which allows Sync Return to be tied to
the primary side, secondary side, or float with respect to all inputs
and outputs. Input current into this pin is limited by a series 1 k
ohm resistance.
Output VOltage trIm
The output voltage of each set can be trimmed from 51% to
125% of nominal (varies by model, see trim instructions on page
4). The following are “sets” of voltages in relation to trim:
•Tripleoutputmodels:Mainoutputisoneset,thedualoutputs
are another set.
•Dualoutputs:Eachoutputisa“set.”
One set can be trimmed using the trim pin, the other set can
be trimmed (up only) using the positive sense pin.
•Single:Oneset
raDIatIOn tOleranCe
The SMRT28 DC/DC converters are designed to provide contin-
uous normal operation through radiation levels associated with
space missions and in tactical and strategic military environ-
ments. The converters will operate normally in radiation environ-
ments with up to 1 x 1012 neutrons per square centimeter neutron
fluence, 1011 rad(Si) per second dose rate, and 3x105 rad(Si)
total dose.
These levels of radiation tolerance make the SMRT28 converters
suitable for electronics in programs where operation in high radia-
tion environments is required.
At the highest dose rate (1011 rad(Si)/sec dose rate) there will be
an upset resulting in a dip in the voltage. This is non-destructive
to the unit. The converter will operate through the upset.
SCreenIng
SMRT28 converters offer the following screening options:
Space Prototype (O), Class H, or Class K. Radiation tolerant to
Radiation Hardness Assurance (RHA) levels of “-” (O), “P”, “R” or
“F”, per MIL-PRF-38534. Interpoint model numbers use an “O” in
the RHA designator position to indicate the “-” (dash) Radiation
Hardness Assurance level of MIL-PRF-38534, which is defined as
“no RHA”. See Screening Tables 1, 2 and 3 for more information.
emI
The SMRT28 has a built-in EMI input filter which brings the
conducted emissions into compliance with both methods of
MIL-STD-461, revisions C-CE03 and D-/E-/F-CE102.
SenSe
Tight load regulation is maintained via wide bandwidth magnetic
feedback and through the use of remote sense on single output
models and one output (Output “A”) of the dual units. The sense
feature can be used to adjust the output voltage by connecting a
resistor between the positive sense line and the positive output.
SenSe AdjuSt InStructIonS for
output A on duAl ModelS
AdjuSt up only
(see trim tables on page 4 for more options)
RaDjuSt = 240
( Vout-Vnom)
Vmax - Vout
Vout = desired output voltage
Vnom = nominal unadjusted output voltage
Vmax = maximum achievable output voltage
5V Vmax = 6.0 V
12V Vmax = 14.68 V
15V Vmax = 18.36V
note: RADJUST should be connected
between Sense A (pin 8) and Vout A (pin 11).
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 2 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com