Electronic Components Datasheet Search
  English  ▼

X  

SMRT2805D Datasheet(PDF) 14 Page - Interpoint Corporation Company

Part # SMRT2805D
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2805D Datasheet(HTML) 14 Page - Interpoint Corporation Company

Back Button SMRT2805D Datasheet HTML 10Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 11Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 12Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 13Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 14Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 15Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 16Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 17Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 18Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Electrical Characteristics: -55°C to +125°C TC, 28 VDC Vin, 100% load, unless otherwise specified.
notes: See page 15
TRIPLE OUTPUT MODEL – SMRT28515T
5 (MAIn)
±15 (AUXILIARIES)
unItS
parameter
COnDItIOnS
MIn
TYP
MAX
MIn
TYP
MAX
Output VOltage
MAIn AnD POS. AUX
4.92
5.00
5.08 14.77 15.00
15.23
VDC
nEg. AUX.
-14.70 -15.00 -15.30
Output Current 2, 3
—
—
3.0
0
±0.5
0.80 1
A
TOTAL
—
—
—
—
—
1
Output pOwer 2, 3
0
—
15
0
±7.5 11.25 1
W
VIn = 19 tO 56 VDC
TOTAL
—
—
—
—
—
15
Output rIpple
10 khz - 20 mhz
—
—
200
—
—
200
mV p-p
lIne regulatIOn
MAIn AnD POS. AUX
—
5
25
—
—
25
mV
VIn = 19, 50 VDC
nEg. AUX.
—
20
35
lOaD regulatIOn
MAIn AnD POS. AUX
—
5
50
—
5
50
VIn = 19, 50 VDC
—
—
100
—
—
120
nEg. AUX. 1
—
—
—
—
—
500
mV
VIn = 19, 50 VDC 1
—
—
—
—
—
600
tOtal regulatIOn 1
VOUT
all COnDItIOnS OF
lIne, lOaD, agIng,
temp anD raDIatIOn
4.7
—
5.3
±14.0
—
±16.0
VDC
CrOSS regulatIOn 1, 4, 5
tC = 25°C
EFFECT On
nEgATIVE AUXILIARY
—
—
—
—
—
2.5
%
Input VOltage
COntInuOuS
19
28
56
—
—
—
VDC
tranSIent 100 ms
0
—
80
—
—
—
V
Input Current
nO lOaD
—
—
110
—
—
—
mA
InhIbIteD
—
—
50
—
—
—
Input rIpple Current 6
10 kHz - 10 MHz
—
10
150
—
—
—
mA p-p
eFFICIenCy 7
70
—
—
—
—
—
%
lOaD Fault 8, 9
POWERDISSIPATION
—
—
25
—
—
—
W
reCOVery 1
—
—
35
—
—
35
ms
Step lOaD reSpOnSe 9, 10, 11
tranSIent
—
—
±250
—
—
±350
mV pk
reCOVery
—
—
1
—
—
1
ms
Step lIne reSpOnSe 1, 8, 9
22 - 35 - 22 VIn
tranSIent
—
—
±500
—
—
±750
mV pk
reCOVery
—
—
1.5
—
—
1.5
ms
Start-up 11
Delay
nO lOaD anD Full
—
—
25
—
—
20
ms
OVerShOOt
—
0
200
—
0
350
mV pk
CapaCItIVe lOaD 1
tC = 25°C
unCOnDItIOnally
Stable, Start-up
Delay InCreaSeD
—
—
5000
—
—
1000
µF
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 14 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com