Electronic Components Datasheet Search
  English  ▼

X  

SMRT2805D Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # SMRT2805D
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2805D Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button SMRT2805D Datasheet HTML 4Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 5Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 6Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 7Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 8Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 9Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 10Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 11Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical Characteristics: -55°C to +125°C TC, 28 VDC Vin, 100% load, unless otherwise specified.
SIngLE OUTPUT MODELS
SMRT2812S
SMRT2815S
unItS
parameter
COnDItIOnS
MIn
TYP
MAX
MIn
TYP
MAX
Output VOltage
11.76 12.00 12.24 14.70 15.00 15.30
VDC
Output Current 2
—
—
2.92
—
—
2.33
A
Output pOwer 2
VIn = 19 tO 56 VDC
0
—
35
0
—
35
W
Output rIpple
10 khz - 20 mhz
—
—
200
—
—
180
mV p-p
lIne regulatIOn 2
VIn = 19, 50 VDC
—
5
30
—
5
30
mV
lOaD regulatIOn
—
5
40
—
5
40
mV
VIn = 19, 50 VDC
—
—
90
—
—
90
tOtal regulatIOn 1
VOUT
all COnDItIOnS OF
lIne, lOaD, agIng,
temp anD raDIatIOn
10.9
—
13.1
14.0
—
16.0
VDC
Input VOltage
COntInuOuS
19
28
56
19
28
56
VDC
tranSIent 1 100 ms
0
—
80
0
—
80
V
Input Current
InhIbIteD
—
—
50
—
—
50
mA
nO lOaD
—
—
110
—
—
110
Input rIpple Current 3
10 kHz - 20 MHz
—
10
50
—
10
50
mA p-p
eFFICIenCy
75
—
—
75
—
—
%
lOaD Fault 4, 5
POWERDISSIPATION
—
—
20
—
—
20
W
reCOVery 1
—
—
25
—
—
25
ms
Step lOaD reSpOnSe 5, 6, 7
tranSIent
—
—
±575
—
—
±575
mV pk
reCOVery
—
—
3
—
—
3
ms
Step lIne reSpOnSe 1, 5, 6
19 - 50 - 19 VIn
tranSIent
—
—
±700
—
—
±700
mV pk
reCOVery
—
—
4
—
—
4
ms
Start-up 8
Delay
nO lOaD anD Full
—
—
25
—
—
25
ms
OVerShOOt
—
—
120
—
—
150
mV pk
CapaCItIVe lOaD 1
tC = 25°C
unCOnDItIOnally
Stable, Start-up
Delay InCreaSeD
—
—
5000
—
—
5000
µF
notes
1. guaranteed by design, not tested.
2. To maintain tight regulation over the full input voltage range a minimum load of 2% of full load should be used on all outputs.
3. Converters meet MIL-STD-461 specification revisions for conducted emissions C-CE03 and D-/E-/F-CE-102. The actual value of input ripple
current is much less, the limit in the characteristic table is based on measurement resolution..
4. Maximum power dissipation when output is shorted.
5. Recovery time is measured from application of the transient to point at which VOUT is within 1% of VOUT at final value.
6. Transition time >10 µs.
7. Half load to/from full load.
8. Measured from release of inhibit or input voltage step
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 8 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com