Electronic Components Datasheet Search
  English  ▼

X  

SMRT2805D Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SMRT2805D
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2805D Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMRT2805D Datasheet HTML 1Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 2Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 3Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 4Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 5Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 6Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 7Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 8Page - Interpoint Corporation Company SMRT2805D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
FIgure 3: pIn Out
1
2
3
4
5
14
13
12
11
10
9
8
TOP VIEW
See case S for dimensions.
pIn Out
pin
single Output
Dual Output
triple Output
1
Vin
Vin
Vin
2
Vin Return
Vin Return
Vin Return
3
Inhibit
Inhibit
Inhibit
4
Sync In
Sync In
Sync In
5
Sync Return
Sync Return
Sync Return
8
Sense
Sense A
Trim B
9
Sense Return
Sense A Return
Vout B negative
10 Vout A Return
Vout A Return
Vout B Return
11 Vout A
Vout A
Vout B Positive
12 Trim
Trim B
Trim A
13 Vout A
Vout B
Vout A
14 Vout A Return
Vout B Return
Vout A Return
pIns nOt In use
Inhibit: single, dual and triple
Leave unconnected
Sync In
Connect to Sync Return
Sense Lines
Must be connected to appropriate outputs
Trim (all)
Leave unconnected
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 5 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com