Electronic Components Datasheet Search
  English  ▼

X  

MX641 Datasheet(PDF) 5 Page - CML Microcircuits

Part # MX641
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641 Datasheet(HTML) 5 Page - CML Microcircuits

  MX641 Datasheet HTML 1Page - CML Microcircuits MX641 Datasheet HTML 2Page - CML Microcircuits MX641 Datasheet HTML 3Page - CML Microcircuits MX641 Datasheet HTML 4Page - CML Microcircuits MX641 Datasheet HTML 5Page - CML Microcircuits MX641 Datasheet HTML 6Page - CML Microcircuits MX641 Datasheet HTML 7Page - CML Microcircuits MX641 Datasheet HTML 8Page - CML Microcircuits MX641 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Dual SPM Detector
Page 5 of 16
MX641 Preliminary Information
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Pin
No.
Name
Type
Description
19
Select
Chip
input
The Chip Select input for use in data loading when using the MX641 in
the Controlled Sensitivity mode (see Figure 9). The device is selected
when this input is set low (logic '0'). When the MX641 is in the Fixed
Sensitivity mode this input should be connected to either VSS or VDD.
20
Serial Clock
input
The Serial Clock input for use in data loading when using the MX641 in
the Controlled Sensitivity mode (see Figure 9). Data is loaded to the
MX641 on this clock's rising edge. When the MX641 is in the Fixed
Sensitivity mode this input should be connected to either VSS or VDD.
21
Serial Data
input
The Serial Data input for use in data loading when using the MX641 in
the Controlled Sensitivity mode (see Figure 9 and Table 4). When the
device is in the Fixed Sensitivity mode this input should be connected to
either VSS or VDD.
22
System Select
input
In the Fixed Sensitivity mode this pin selects the system frequency.
High (logic ‘1’) = 12kHz; Low (logic ‘0’) = 16kHz. In the Controlled
Sensitivity mode this pin should be tied to VDD or left unconnected. This
pin has an internal pull-up resistor on chip.
23
N/C
No internal connection; leave open circuit.
24
VDD
power
Positive supply rail; a single, stable power supply is required. Critical
levels and voltages within the MX641 are dependent upon this supply.
This pin should be decoupled to VSS by a capacitor mounted close to
the pin
Table 1: Signal List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com