Electronic Components Datasheet Search
  English  ▼

X  

MX641 Datasheet(PDF) 7 Page - CML Microcircuits

Part # MX641
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button MX641 Datasheet HTML 3Page - CML Microcircuits MX641 Datasheet HTML 4Page - CML Microcircuits MX641 Datasheet HTML 5Page - CML Microcircuits MX641 Datasheet HTML 6Page - CML Microcircuits MX641 Datasheet HTML 7Page - CML Microcircuits MX641 Datasheet HTML 8Page - CML Microcircuits MX641 Datasheet HTML 9Page - CML Microcircuits MX641 Datasheet HTML 10Page - CML Microcircuits MX641 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Dual SPM Detector
Page 7 of 16
MX641 Preliminary Information
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4. General Description
4.1
Xtal/Clock Distribution
The MX641 requires a 3.579545MHz Xtal or clock pulse input. With the exception of the Xtal, all oscillator
components are incorporated on chip. If a Xtal input is employed the Clock Out pin should be directly linked
to the Clock In pin.
To reduce component and layout complexity, the clock requirements of up to 3 additional MX641 microcircuits
may be supplied from a Xtal-driven MX641 acting as the system master clock. With reference to Figure 3, the
clock should be distributed as illustrated and the Xtal/Clock pins of the driven microcircuits should be
connected directly to VDD.
Note (see section 6.1.3) that the maximum load on the master Clock Out pin should not be exceeded.
µController
XTAL
XTAL/CLOCK
"OUTPUT ENABLE"
ADDRESSING
CLOCK
OUT
V
DD
CLOCK
IN
CLOCK
IN
Ch 2
Ch 1
CLOCK
IN
CLOCK
IN
X1
MX641
(used as
Master
Oscillator)
MX641
MX641
MX641
I/O Ports
3 to'N' LINE
DECODER
Figure 3: Xtal/Clock Distribution and Output Multiplexing
4.2
Channel Outputs
Channel 1 and Channel 2 outputs operate together under the control of the Output Enable and Output Select
inputs.
Table 3 describes the operations.
The digital output is pin-selectable to one of three modes:
(1) Tone Follower mode: a logic level for the period of a correct decode.
(2) Packet mode: respond/de-respond after a cumulative period of tone or notone in a fixed (intrinsic
hardwired period that is not user controlled) period.
(3) High-impedance output: for device multiplexing.
System
Select
Preset
Level
Output
Select
Output
Enable
Operating Mode
Mode
Sensitivity
Frequency
X
0
0
0
Packet Mode Output;
Serial Data Control (see note)
X
0
1
0
Tone Follower Output;
Serial Data Control (see note)
0
1
0
0
Packet Mode Output;
Fixed Sensitivity
16kHz
1
1
0
0
Packet Mode Output;
Fixed Sensitivity
12kHz
0
1
1
0
Tone Follower Output;
Fixed Sensitivity
16kHz
1
1
1
0
Tone Follower Output;
Fixed Sensitivity
12kHz
X
X
X
1
Tristate Output (High Z)
X = don’t care
Note: Device sensitivity and system frequency must be serially loaded
Table 3: Operating Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com