Electronic Components Datasheet Search
  English  ▼

X  

MX641 Datasheet(PDF) 6 Page - CML Microcircuits

Part # MX641
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button MX641 Datasheet HTML 2Page - CML Microcircuits MX641 Datasheet HTML 3Page - CML Microcircuits MX641 Datasheet HTML 4Page - CML Microcircuits MX641 Datasheet HTML 5Page - CML Microcircuits MX641 Datasheet HTML 6Page - CML Microcircuits MX641 Datasheet HTML 7Page - CML Microcircuits MX641 Datasheet HTML 8Page - CML Microcircuits MX641 Datasheet HTML 9Page - CML Microcircuits MX641 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Dual SPM Detector
Page 6 of 16
MX641 Preliminary Information
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
3. External Components
XTAL
XTAL/CLOCK
XTAL/CLOCK
If you use a Clock Pulse input:
- Remove Xtal (X )
- Connect Pin 1 to V
- Do not short Pins 3 & 4
- Input clock pulses to CLOCK IN
See Figure 3
1
DD
CLOCK IN
IN
OUT
CLOCK
CH2 OUTPUT
CH1 OUTPUT
CH1 AMP IN (+)
VDD
C1
X1
R3
R1
R2
R4
R8
R6
C6
C5
R5
C3
C4
C2
R7
MX641
1
2
3
11
12
24
23
22
21
20
19
18
17
16
15
14
13
4
5
6
7
8
9
10
OUTPUT ENABLE
CH1 AMP OUT
CH1 AMP IN (-)
CH2 AMP OUT
OUTPUT SELECT
PRESET LEVEL
SERIAL CLOCK
SERIAL DATA
SYSTEM SELECT
CH2 AMP IN (-)
CH2 AMP IN (+)
CHIP SELECT
VBIAS
VDD
VSS
VDD
Figure 2: Recommended External Components
R1
68k
Ω
± 1%
C1
1.0µF
±20%
R2
68k
Ω
±1%
C2
1.0µF
±20%
R3
Note 1
750k
Ω
±1%
C3
270pF
±5%
R4
Note 1
750k
Ω
±1%
C4
270pF
±5%
R5
68k
Ω
± 1%
C5
270pF
±5%
R6
68k
Ω
± 1%
C6
270pF
±5%
R7
Note 1
750k
Ω
±1%
R8
Note 1
750k
Ω
±1%
X1
Note 2, 3
3.579545MHz
Table 2: Recommended External Components
Note:
1.
Fixed Sensitivity Setting: when calculating/selecting gain components, R3, R4, R7 and R8 should
always be greater than or equal to 100k
Ω.
2.
For best results, a crystal oscillator design should drive the clock inverter input with signal levels of at
least 40% of VDD, peak to peak. Tuning fork crystals generally cannot meet this requirement. To
obtain crystal oscillator design assistance, consult your crystal manufacturer.
3.
The on-chip crystal circuitry includes a feedback resistor (nominally 2M
Ω) between pins 1 & 2 and load
capacitors on pins 1 & 2 (nominally 10pF each, excluding package and board parasitics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com