Electronic Components Datasheet Search
  English  ▼

X  

MX641 Datasheet(PDF) 14 Page - CML Microcircuits

Part # MX641
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button MX641 Datasheet HTML 9Page - CML Microcircuits MX641 Datasheet HTML 10Page - CML Microcircuits MX641 Datasheet HTML 11Page - CML Microcircuits MX641 Datasheet HTML 12Page - CML Microcircuits MX641 Datasheet HTML 13Page - CML Microcircuits MX641 Datasheet HTML 14Page - CML Microcircuits MX641 Datasheet HTML 15Page - CML Microcircuits MX641 Datasheet HTML 16Page - CML Microcircuits MX641 Datasheet HTML 17Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Dual SPM Detector
Page 14 of 16
MX641 Preliminary Information
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Notes
Min.
Typ.
Max.
Units
Channel Outputs
Output Logic ‘1’
IOH = 120mA
(Enabled)
1
4.6
V
Output Logic ‘0’
IOL = 360mA (Enabled)
1
0.4
V
Output Leakage Current
High-Z Output
2
-5.0
5.0
µA
Input Amplifier
D. C. Gain
60.0
dB
Bandwidth (-3dB)
100
Hz
Input Impedance
1.0
M
Ω
Overall Performance
12kHz Detect Bandwidth
3
11.82
12.18
kHz
12kHz Not-detect Frequencies
(Below 12kHz)
3
11.52
kHz
12kHz Not-detect Frequencies
(Above 12kHz)
3
12.48
kHz
16kHz Detect Bandwidth
3
15.76
16.24
16kHz Upper Decode Band Edge
(Below 16kHz)
3
15.36
kHz
16kHz Lower Decode Band Edge
(Above 16kHz)
3
16.64
kHz
Level Sensitivity
Controlled Sensitivity Mode
3,4,12,15
2.6
1.6
0.6
dB(ref.)
Preset Sensitivity Mode
3,4,5,16
-25.4
-26.4
-27.4
dB(ref.)
Signal Quality Requirements
Signal-to-Noise
(Amp Input)
4,8,9,10
22.0
20.0
dB
Signal-to-Voice
(Amp Input)
4,8,9,11
-36.0
-40.0
dB
Signal-to-Voice
(Amp Output)
4,8,10,11
-1.0
-27.0
dB
Channel Outputs
(Ch1 and Ch2) Figure
4
Mode Change Time
6
500
ns
Tone Follower Mode (Table 3)
Response and De-Response
Time
3, 4, 7
10.0
ms
Packet Mode (Table 3)
Response and De-Response
Time
3, 4, 7
40.0
48.0
ms
Note:
1.
Tone Follower or Packet mode enabled; see Table 3
2.
Tristate selected; see Table 3.
3.
With adherence to Signal-to-Voice and Signal-to Noise specifications.
4.
12kHz and/or 16kHz system.
5.
With Input Amp gain setting = 0dB.
6.
Time taken to change between any two of the operational modes: Tone Follower, Packet or Tristate,
and with a maximum capacitive load of 30pF on an output.
7.
The time delay, after a valid serial data load (or after device powerup), before the condition of the
outputs can be guaranteed correct.
8.
Immunity to false responses and/or de-responses.
9.
Common Mode SPM and balanced voice input signal.
10. With SPM and voice signal amplitudes balanced; to avoid false de-responses due to saturation, the
peak-to-peak voice + noise level at the output of the Input Amp should be no greater than the dynamic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com