Electronic Components Datasheet Search
  English  ▼

X  

MX641 Datasheet(PDF) 15 Page - CML Microcircuits

Part # MX641
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button MX641 Datasheet HTML 9Page - CML Microcircuits MX641 Datasheet HTML 10Page - CML Microcircuits MX641 Datasheet HTML 11Page - CML Microcircuits MX641 Datasheet HTML 12Page - CML Microcircuits MX641 Datasheet HTML 13Page - CML Microcircuits MX641 Datasheet HTML 14Page - CML Microcircuits MX641 Datasheet HTML 15Page - CML Microcircuits MX641 Datasheet HTML 16Page - CML Microcircuits MX641 Datasheet HTML 17Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Dual SPM Detector
Page 15 of 16
MX641 Preliminary Information
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
range of the device. For this reason, the signal-to-voice figure at the AMP Output will vary with the
sensitivity setting. The lowest
signal-to-voice figure occurs at the highest sensitivity setting. (Table 4 27dB)
11. Maximum voice frequencies = 3.4kHz.
12. With the Input Amplifier gain at 0dB and the Bandpass Filter gain set at 0dB (Table 4); subtract 1.0dB
from this specification for each extra single dB of Bandpass Filter gain programmed.
Alternatively, with the input components as recommended in Figure 2, the sensitivity is as defined in
Table 4.
13. Logic inputs with no internal pull-up; Chip Select, Serial Data, Serial Clock, Output Enable, Output
Select and Clock In pins.
14. Logic inputs with an internal pull-up; Preset Level and System Select pins.
15. Preset Level = ‘0’, System Select = don't care; Chip Select, Serial Clock and Serial Data inputs active;
see Table 3.
16. Preset Level = ‘1’, System Select = input active; Chip Select, Serial Clock and Serial Data inputs
inactive;
see Table 3
17. Maximum Clock Output Fan out = 4 (including master)
6.2
Timing
Parameter
Min.
Typ.
Max.
Unit
tPWH
Serial Clock ‘High‘ Pulse Width
250
ns
tPWL
Serial Clock ‘Low’ Pulse Width
250
ns
tCYC
Serial Clock Period
600
ns
tCSE
Chip Select ‘Low’ to Clock ‘High’ Edge
450
ns
tDH
Data Hold Time
50.0
ns
tDS
Data Setup Time
250
ns
SERIAL CLOCK
SERIAL DATA
CHIP SELECT
t
CSE
t
CYC
t
PWH
t
PWL
t
DH
t
DS
BIT D5
BIT D4
BIT D0
D3
t
CSH
Don't
Care
Data
Figure 9: Data Load Timing for the Controlled Sensitivity Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com