Electronic Components Datasheet Search
  English  ▼

X  

MX641 Datasheet(PDF) 9 Page - CML Microcircuits

Part # MX641
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button MX641 Datasheet HTML 5Page - CML Microcircuits MX641 Datasheet HTML 6Page - CML Microcircuits MX641 Datasheet HTML 7Page - CML Microcircuits MX641 Datasheet HTML 8Page - CML Microcircuits MX641 Datasheet HTML 9Page - CML Microcircuits MX641 Datasheet HTML 10Page - CML Microcircuits MX641 Datasheet HTML 11Page - CML Microcircuits MX641 Datasheet HTML 12Page - CML Microcircuits MX641 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Dual SPM Detector
Page 9 of 16
MX641 Preliminary Information
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.3.1.1
Controlled Sensitivity Setting Information
The sensitivity figures in Table 4 are based on the following:
1.
The recommended amplifier components (see Figure 2) are used, providing an amplifier gain at 16kHz
of 19.8dB ±0.3dB or at 12kHz of 19.1dB ±0.3dB.
2.
A comparator sensitivity of 1.6dB(ref.) ±1dB (the variation is due to filter gain error, filter output offset,
comparator input offset or a combination of all 3).
3.
The applied VDD is 5.0 volts; 0dB (ref.) = 775mVRMS.
12kHz System
Bit D0 = ‘1’
16kHz System
Bit D0 = ‘0’
Serial Data
Bits
Bandpass
Filter Gain
Minimum
Sensitivity
Nominal
Sensitivit
y
Maximum
Sensitivity
Minimum
Sensitivity
Nominal
Sensitivit
y
Maximum
Sensitivity
D5 - D1
(dB)
dB(ref.)
dB(ref.)
dB(ref.)
dB(ref.)
dB(ref.)
dB(ref.)
00000
0
-16.2
-17.5
-18.8
-16.9
-18.2
-19.5
00001
1.0
-17.2
-18.5
-19.8
-17.9
-19.2
-20.5
00010
2.0
-18.2
-19.5
-20.8
-18.9
-20.2
-21.5
00011
3.0
-19.2
-20.5
-21.8
-19.9
-21.2
-22.5
00100
4.0
-20.2
-21.5
-22.8
-20.9
-22.2
-23.5
00101
5.0
-21.2
-22.5
-23.8
-21.9
-23.2
-24.5
00110
6.0
-22.2
-23.5
-24.8
-22.9
-24.2
-25.5
00111
7.0
-23.2
-24.5
-25.8
-23.9
-25.2
-26.5
01000
8.0
-24.2
-25.5
-26.8
-24.9
-26.2
-27.5
01001
9.0
-25.2
-26.5
-27.8
-25.9
-27.2
-28.5
01010
10.0
-26.2
-27.5
-28.8
-26.9
-28.2
-29.5
01011
11.0
-27.2
-28.5
-29.8
-27.9
-29.2
-30.5
01100
12.0
-28.2
-29.5
-30.8
-28.9
-30.2
-31.5
01101
13.0
-29.2
-30.5
-31.8
-29.9
-31.2
-32.5
01110
14.0
-30.2
-31.5
-32.8
-30.9
-32.2
-33.5
01111
15.0
-31.2
-32.5
-33.8
-31.9
-33.2
-34.5
10000
16.0
-32.2
-33.5
-34.8
-32.9
-34.2
-35.5
10001
17.0
-33.2
-34.5
-35.8
-33.9
-35.2
-36.5
10010
18.0
-34.2
-35.5
-36.8
-34.9
-36.2
-37.5
10011
19.0
-35.2
-36.5
-37.8
-35.9
-37.2
-38.5
10100
20.0
-36.2
-37.5
-38.8
-36.9
-38.2
-39.5
10101
21.0
-37.2
-38.5
-39.8
-37.9
-39.2
-40.5
10110
22.0
-38.2
-39.5
-40.8
-38.9
-40.2
-41.5
10111
23.0
-39.2
-40.5
-41.8
-39.9
-41.2
-42.5
11000
24.0
-40.2
-41.5
-42.8
-40.9
-42.2
-43.5
11001
25.0
-41.2
-42.5
-43.8
-41.9
-43.2
-44.5
11010
26.0
-42.2
-43.5
-44.8
-42.9
-44.2
-45.5
11011
27.0
-43.2
-44.5
-45.8
-43.9
-45.2
-46.5
11100
11101
11110
11111
These states should never be used. If sensitivities of this order are required (e.g. the Swedish Rural
SPM specification), it is recommended that the Controlled Sensitivity setting be set to 20dB (10100)
and external components selected to set the Input Amp gain to a higher figure. This action will
prevent falsing by sub-harmonic frequencies.
Table 4: Controlled Sensitivity Setting Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com