Electronic Components Datasheet Search
  English  ▼

X  

DB1065 Datasheet(PDF) 4 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 4 Page - CML Microcircuits

  DB1065 Datasheet HTML 1Page - CML Microcircuits DB1065 Datasheet HTML 2Page - CML Microcircuits DB1065 Datasheet HTML 3Page - CML Microcircuits DB1065 Datasheet HTML 4Page - CML Microcircuits DB1065 Datasheet HTML 5Page - CML Microcircuits DB1065 Datasheet HTML 6Page - CML Microcircuits DB1065 Datasheet HTML 7Page - CML Microcircuits DB1065 Datasheet HTML 8Page - CML Microcircuits DB1065 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
20480150.001 MX-COM
 1996
Page 4
1.3 DB1065 Features
The DB1065 Development Kit includes many useful features including those highlighted in Table.
Features
Applications
 MX•COM MiXed Signal CMOS Design
 Mobile Radio Channel Sharing
 47 CTCSS Tones + Notone
 Repeater Control
 TX/RX Speech Filters
 Wireless Intercom Traffic Control
 Parallel Programming using Dip Switch
Serial mode also available
 Hookswitch Supervision
 Meets TIA/EIA-603 Land Mobile
Standard
 Simultaneous Voice Plus Control Signaling
 Improved SINAD
 Remote Control
 Easy µP Interface
Table 1 DB1065 Features
1.4 Handling Precautions
Like most development boards, the DB1065 is designed for use in office and laboratory
environments. The following practices will help ensure its proper operation.
1.4.1 Static Protection
The DB1065 uses low power CMOS circuits which can be partially or completely damaged by
electrostatic discharge. Partially damaged circuits can function erroneously and provide
misleading test results which can be time consuming (and extremely frustrating) to resolve.
Please observe common industrial static handling precautions when un-packing or handling the
printed circuit board.
1.4.2 Cleanliness
Because some DB1065 circuits are very high impedance, it is important to maintain their
cleanliness. All flux and other contaminants should be thoroughly removed after making any
additions or modifications to the circuit board.
1.5 Unpacking
After reviewing the instructions in section 1.4, Handling Precautions, check to make sure that
each of the following items are provided in the quantities indicated:
Item
Description
Quantity
1.
DB1065 User’s Manual
1
2.
DB1065 board
1
3.
MX465 data sheet
1
2. Electrical Performance
2.1 Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device. Operation of the device
outside the operating limits is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com