Electronic Components Datasheet Search
  English  ▼

X  

DB1065 Datasheet(PDF) 9 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 5Page - CML Microcircuits DB1065 Datasheet HTML 6Page - CML Microcircuits DB1065 Datasheet HTML 7Page - CML Microcircuits DB1065 Datasheet HTML 8Page - CML Microcircuits DB1065 Datasheet HTML 9Page - CML Microcircuits DB1065 Datasheet HTML 10Page - CML Microcircuits DB1065 Datasheet HTML 11Page - CML Microcircuits DB1065 Datasheet HTML 12Page - CML Microcircuits DB1065 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
20480150.001 MX-COM
 1996
Page 9
4. Fourth - Explore
By using the basic verification tests for receive and transmit, the performance of the MX465 can
be explored by varying the frequency and level of the audio input signals. The following
examples provide additional tests that can be performed.
4.1 Measuring CTCSS Encoder response time
Use the CTCSS encoder verification on page 7 to set up to test encoder response time.
Connect one channel of a storage scope to PTT and another channel of a storage scope to
TONEOUT. Set the scope to trigger on PTT . Connect and disconnect the PTT to ground and
measure the time difference from PTT going from a logic level high to a logic low and a 90%
steady level CTCSS tone amplitude output on TONEOUT.
4.2 Measuring CTCSS Decoder response time
Use the CTCSS decoder verification on page 8 to set up to test decoder response time.
Connect one channel of a storage scope to RXIN and another channel of a storage scope to
MONIT R
0 . Set the scope to trigger on RXIN. Turn the CTCSS tone off and on by connecting
and disconnecting the signal generator. Measure the time difference from applying CTCSS tone
to RXIN (where the CTCSS tone level reaches 90% of a full steady state level) to MONIT R
0
changing from a logic level hi to a logic level low ( were the logic level reaches 90% of steady low
state).
4.3 Measuring CTCSS Decoder band width
Use the CTCSS decoder verification on page 8 to set up to evaluate decoder bandwidth. Adjust
the frequency of the audio generator above and below the CTCSS tone’s center frequency and
measure the band edge where MONIT R
0
changes from a hi ( indicating no tone present) to a
low ( indicating a CTCSS tone was detected).
4.4 Measuring CTCSS response at different SINADs
A composite signal summing network can be bread boarded to simulate adverse signal
conditions. This consists of an opamp with three summing nodes. Separate signal generators
are used to simulate the 3 basic types of audio signals that may be present at RXAUDIO’s input.
One signal generator is used to simulate the CTCSS tone frequency and level. A noise generator
that is 6khz band limited gaussian noise simulates background noise. The audio sine wave
generator simulates the voice channel. A SINAD meter may be connected to the RXIN audio
path to measure SINAD of the input signal to the MX465’s CTCSS decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com