Electronic Components Datasheet Search
  English  ▼

X  

DB1065 Datasheet(PDF) 8 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 4Page - CML Microcircuits DB1065 Datasheet HTML 5Page - CML Microcircuits DB1065 Datasheet HTML 6Page - CML Microcircuits DB1065 Datasheet HTML 7Page - CML Microcircuits DB1065 Datasheet HTML 8Page - CML Microcircuits DB1065 Datasheet HTML 9Page - CML Microcircuits DB1065 Datasheet HTML 10Page - CML Microcircuits DB1065 Datasheet HTML 11Page - CML Microcircuits DB1065 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
20480150.001 MX-COM
 1996
Page 8
3.4.2 Transmit audio path verification
a. Using an audio signal generator, set for a 1KHz sine wave at 300 mVrms, connect the audio
signal generator to TXIN.
b. Connect an oscilloscope or audio analyzer to TXOUT.
c. Measure the output level and calculate the gain difference between TXIN and TXOUT.
20*log Vin/Vout where Vin = TXIN and Vout = TXOUT.
d. Calculate the level that represents -3 dB below the output level at TXOUT for a 1khz sine
wave.
10
3
20


dB
TXOUT which equals .707 X TXOUT = -3dB level
e. Lower the frequency of the signal generator until the -3dB level is reached.
f. Measure the output frequency of the signal generator. This will be the lower -3dB band edge of
the TX audio filter.
g. Raise the frequency of the signal generator until the -3dB level is reached.
h. Measure the output frequency of the signal generator. This frequency will be the upper -3dB
band edge of the TX audio filter.
h. Remove ground from PTT . The 1KHz signal applied to TXIN should not be present at the
TXOUT connection.
3.4.3 CTCSS decoder verification
a. Remove ground from PTT .
b. Measure the logic level on the MONIT R
0 output. With no CTCSS tone it should be greater
than 3 volts dc.
c. Connect an audio signal generator to RXIN. Adjust the audio generator’s level to 50 mVrms
and its frequency to equal the CTCSS tone frequency (
 1 hertz ) as set on the dip switch D0-D5
using Table 4: CTCSS Tones starting on page 17.
d. Measure the logic level on the MONIT R
0
output. It should be less than 1 volt dc when
detecting a CTCSS tone.
e. Connect CARRIER SENSE to +5VDC. MONIT R
0
output should go to a hi logic level
(>3VDC).
3.4.4 Receive audio path verification
a. Ensure PTT and PTL is not connected to ground.
b. Using an audio signal generator, set for a 1khz sine wave at 300 mVrms, connect the audio
signal generator to RXIN.
c. Connect an oscilloscope or audio analyzer to RXOUT.
d. Measure the output level and calculate the gain difference between RXIN and RXOUT.
20*log Vin/Vout where Vin = RXIN and Vout = RXOUT.
e. Calculate the level that represents -3 dB below the output level at RXOUT for a 1khz sine
wave.
10
3
20

 RXOUT or .707 X RXOUT = -3dB level
f. Lower the frequency of the signal generator until the -3dB level is reached.
g. Measure the output frequency of the signal generator. This will be the lower -3dB band edge
of the RX audio filter.
h. Raise the frequency of the signal generator until -3dB level is reached.
i. Measure the output frequency of the signal generator. This will be the upper -3dB band edge of
the RX audio filter.
j. Connect ground to PTL. RX path audio should not be present at the RXOUT connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com