Electronic Components Datasheet Search
  English  ▼

X  

DB1065 Datasheet(PDF) 6 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 2Page - CML Microcircuits DB1065 Datasheet HTML 3Page - CML Microcircuits DB1065 Datasheet HTML 4Page - CML Microcircuits DB1065 Datasheet HTML 5Page - CML Microcircuits DB1065 Datasheet HTML 6Page - CML Microcircuits DB1065 Datasheet HTML 7Page - CML Microcircuits DB1065 Datasheet HTML 8Page - CML Microcircuits DB1065 Datasheet HTML 9Page - CML Microcircuits DB1065 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
20480150.001 MX-COM
 1996
Page 6
Characteristic
Minimum
Typical
Maximum
Units
Note
Lower Decode Band Edge
1.005 Fi-1
.995 Fi
Hz
3,6
Encoder
Tone Output Level
548
775
mVrms
Tone Frequency Accuracy (f error)
-0.30
0.30
%fo
Total Harmonic Distortion
2
5
%THD
Notes
1
Valid for +5VDC on Vdd to the MX465 IC.
2
Measured referenced to 0dB= 1KHz tone referenced to 300 mVrms
3
Composite Signal Test Condition
4f0>100Hz (for 100 Hz>f0>67Hz: t=100/f0Hz X 250ms)
5
Per TIA/EIA-603
6
Only for the Fi in TIA /EIA-603, where Fi is the program tone.
2.3 Prerequisites and Required Equipment
2.3.1 Prerequisites
In order to effectively use the DB1065 Development Kit, the user should refer to the MX-COM
data sheet for the MX465.
2.3.2 Power Supply
A user provided +12VDC regulated power supply is required to power the development card
when connected to the B+ input. A regulated +5VDC supply is used when powering the DB1065
from the +5V input.
2.4 Limitations
The DB1065 development board is designed to support the serial operation of the MX465 but the
user must design and connect external hardware to use this function in the MX465. Refer to the
MX465 data bulletin for additional assistance for using the MX465 in serial mode. All input and
output analog and logic functions may be evaluated using the parallel mode of operation.
3. Quick Start
3.1 Introduction
This section allows quick setup and test verification of the DB1065 Development Kit.
3.2 First...
Review sections 1.4, Handling Precautions; 1.5, Unpacking and 2.4, Limitations sections above.
(Quick start?!!) Don’t worry, those sections are very short and help you to avoid damaging the
DB1065 or your equipment.
3.3 Second - Setup
a. Connect a +12VDC power supply to B+ and GND.
b. Refer to Figure 1: Test Equipment Connections, on page 7 and Figure 7: DB1065 Schematic,
on page 20 to connect test equipment to the DB1065 development board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com