Electronic Components Datasheet Search
  English  ▼

X  

DB1065 Datasheet(PDF) 7 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 3Page - CML Microcircuits DB1065 Datasheet HTML 4Page - CML Microcircuits DB1065 Datasheet HTML 5Page - CML Microcircuits DB1065 Datasheet HTML 6Page - CML Microcircuits DB1065 Datasheet HTML 7Page - CML Microcircuits DB1065 Datasheet HTML 8Page - CML Microcircuits DB1065 Datasheet HTML 9Page - CML Microcircuits DB1065 Datasheet HTML 10Page - CML Microcircuits DB1065 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
20480150.001 MX-COM
 1996
Page 7
Figure 1: Test Equipment Connections
3.4 Third - Select and Execute a Test
3.4.1 CTCSS encoder verification
a. With the external power supply off, connect an oscilloscope or audio analyzer to TONEOUT.
Ensure test equipment’s ground is tied to GND on the DB1065.
b. Set the dip switches D0-D5 for a CTCSS tone selected from Table 4: CTCSS Tones on page
17.
c. Connect PTT to GND.
d. Apply power.
e. Adjust R3 for an amplitude of 300 mVrms.
f. Measure the amplitude, frequency and or distortion of the CTCSS tone on TONEOUT. The
frequency should correspond to the setting of the dip switch in reference to Table 4: CTCSS
Tones starting on page 17.
+12VDC
Power
Supply
+
-
Analog Output
Signals
Connect to
Audio Analyzer,
Meter or
Oscilloscope
Analog Inputs
From Sine wave
generators or
noise source
Optional Serial
Interface
Logic Level
Inputs
Logic Level input or output
Logic level
output
Open Collector
DB1065
Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com