Electronic Components Datasheet Search
  English  ▼

X  

DB1065 Datasheet(PDF) 10 Page - CML Microcircuits

Part # DB1065
Description  CTCSS Encoder / Decoder Development Kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB1065 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button DB1065 Datasheet HTML 6Page - CML Microcircuits DB1065 Datasheet HTML 7Page - CML Microcircuits DB1065 Datasheet HTML 8Page - CML Microcircuits DB1065 Datasheet HTML 9Page - CML Microcircuits DB1065 Datasheet HTML 10Page - CML Microcircuits DB1065 Datasheet HTML 11Page - CML Microcircuits DB1065 Datasheet HTML 12Page - CML Microcircuits DB1065 Datasheet HTML 13Page - CML Microcircuits DB1065 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
20480150.001 MX-COM
 1996
Page 10
Figure 2: Composite test signal circuit diagram
Using the circuit above and setting the signal generators to the levels shown in the diagram
simulates a CTCSS signal in a worst case condition. The performance of the DB1065 can be
measured with a SINAD meter connected to RXIN while each signal generator is varied to
simulate different signaling conditions.
4.5 Performance at other operating voltages
The DB1065’s performance may be evaluated at supply voltages other than the +5VDC supplied
from the on board regulator.
a. Turn power supply off.
b. Disconnect the power supply’s connection to J1 the B+ connection on the DB1065.
c. Set the power supply for an output of +5VDC.
d. Turn power supply off and connect it to the +5V J12 of the DB1065.
e. Turn on the power supply.
As an example, a DB1065 was configured to detect a 67Hz CTCSS tone using the following
configuration shown in Figure 3.
-
+
CTCSS tone @
30mvrms
Noise generator @
75mvrms, Band limited
6khz gaussian
1khz sine wave @
300mvrms
CTCSS tone
generator
Noise
generator
Audio signal
generator
.1uF
100K
.1uF
.1uF
100K
100K
100K
+Vdd
GND
GND
+Vdd
100K
100K
.1uF
To RXIN and
SINAD meter
Audio Opamp
741 or similar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com