Electronic Components Datasheet Search
  English  ▼

X  

FX651 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX651
Description  SPM and Security Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX651 Datasheet(HTML) 4 Page - CML Microcircuits

  FX651 Datasheet HTML 1Page - CML Microcircuits FX651 Datasheet HTML 2Page - CML Microcircuits FX651 Datasheet HTML 3Page - CML Microcircuits FX651 Datasheet HTML 4Page - CML Microcircuits FX651 Datasheet HTML 5Page - CML Microcircuits FX651 Datasheet HTML 6Page - CML Microcircuits FX651 Datasheet HTML 7Page - CML Microcircuits FX651 Datasheet HTML 8Page - CML Microcircuits FX651 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SPM and Security Subsystem
FX651
© 1997 Consumer Microcircuits Limited
4
D/651/4
1.3
Signal List
Package
D4
Signal
Description
Pin No.
Name
Type
1
XTAL
I/P
The input to the on-chip oscillator inverter.
2
XTALN
O/P
The inverted output of the on-chip oscillator.
To use, a crystal of frequency 3.579545MHz
should be connected between these two pins.
No other external components are necessary.
4
CLKIN
I/P
A logic input which may be used when an
external clock signal is available in place of a
crystal. The external 3.579545MHz signal is
applied to this pin and XTAL is tied to VDD.
When not used, this pin should be tied to VDD.
5
RX/TXN
I/P
A logic input which controls the operating mode
of the device. In Rx, the device detects the
presence of 12kHz and 18kHz tones. In Tx, the
18kHz detect function is disabled and 18kHz is
transmitted from the TXOP pin modulated ON -
OFF by the NRZ Data pin.
6
NRZ DATA
I/P
A logic input used in Tx mode to ASK modulate
the TXOP pin. A logic high corresponds to no
tone and logic low corresponds to 18kHz.
7
TXOP
O/P
The Tx mode output. It is ASK modulated by the
NRZ data input pin. It transmits 18kHz or no
tone depending upon the state of the NRZ data
input pin. This pin goes to a high impedance
state when in Rx mode.
8VSS
POWER
Negative supply rail.
9VBIAS
O/P
A bias line for the internal circuitry, held at
½ VDD. It also forms the analogue ground for
the input differential amplifier. This pin must be
decoupled by a capacitor mounted close to the
device pins (see Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com