Electronic Components Datasheet Search
  English  ▼

X  

FX651 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX651
Description  SPM and Security Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX651 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX651 Datasheet HTML 2Page - CML Microcircuits FX651 Datasheet HTML 3Page - CML Microcircuits FX651 Datasheet HTML 4Page - CML Microcircuits FX651 Datasheet HTML 5Page - CML Microcircuits FX651 Datasheet HTML 6Page - CML Microcircuits FX651 Datasheet HTML 7Page - CML Microcircuits FX651 Datasheet HTML 8Page - CML Microcircuits FX651 Datasheet HTML 9Page - CML Microcircuits FX651 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SPM and Security Subsystem
FX651
© 1997 Consumer Microcircuits Limited
6
D/651/4
1.4
External Components
Component
3.3V
5.0V
C1, C2
33pF ±10%
68pF ±10%
R1, R3
1.1M
Ω ±1%
1.0M
Ω ±1%
R2, R4
270k
Ω ±1%
330k
Ω ±1%
C3, C4
0.1µF ±20%
R5
51k
Ω ±1%
C5
100pF ±10%
Notes
1.
The device's sensitivity is approximately proportional to its power supply (VDD) voltage. The input
gain must compensate for this and also prevent the input circuitry saturating. It is recommended
that the amplifier components (R1 to R4, C1 and C2) are used to set the gain between -10dB (if
VDD is 5.0V) and -13dB (if VDD is 3.3V).
Figure 2 Recommended External Components (D4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com