Electronic Components Datasheet Search
  English  ▼

X  

FX651 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX651
Description  SPM and Security Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX651 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX651 Datasheet HTML 3Page - CML Microcircuits FX651 Datasheet HTML 4Page - CML Microcircuits FX651 Datasheet HTML 5Page - CML Microcircuits FX651 Datasheet HTML 6Page - CML Microcircuits FX651 Datasheet HTML 7Page - CML Microcircuits FX651 Datasheet HTML 8Page - CML Microcircuits FX651 Datasheet HTML 9Page - CML Microcircuits FX651 Datasheet HTML 10Page - CML Microcircuits FX651 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SPM and Security Subsystem
FX651
© 1997 Consumer Microcircuits Limited
7
D/651/4
1.5
General Description
1.5.1
Overall Function
The FX651 is a dual channel tone detector for use in the French Payphone system where 12kHz SPM
and 18kHz security tones are used.
SPM (12kHz) Detector
The SPM detector channel responds to a low level (50mV) 12kHz tone in the presence of a large
security tone (16kHz - 20kHz) and speech.
The device responds after a period of continuous valid tone and so recognises a valid SPM toneburst
(minimum transmission duration, 75ms).
This function is permanently enabled.
Security Tone (18kHz) Detector (Rx Mode Only)
This demodulates the 18kHz ASK signal in the presence of the SPM signalling.
Security Tone Transmission (Tx Mode Only)
An 18kHz tone modulated ON - OFF by the NRZ data pin. A logic low gates the signal ON so that
18kHz is transmitted. A logic high gates the signal OFF so that no tone appears at the TXOP pin.
1.5.2
Description of Blocks
(See Figure 1)
Input Amplifier
This amplifier is connected as a differential amplifier and is used to couple the signal into the device. It
also attenuates the combined speech, SPM tone and security tone to prevent its output saturating. Its
signal gain should be -10dB at 5.0V supply and -13dB at 3.3V.
(See Figure 2 for recommended component values)
Sample and Hold (12kHz Channel)
This samples the input signal at 17.898kHz and creates images of the incoming frequencies. The
12kHz SPM is translated to 5.898kHz and the security tone is translated to between 978Hz and
1182Hz. This simplifies the subsequent signal processing.
Filtering and Frequency Detection (12kHz Channel)
The output of the sample and hold circuit is passed to filter HPF1. This is a switched capacitor high
pass filter which amplifies the frequency shifted SPM tone (about 5.9kHz) but rejects the frequency
shifted security tone (about 1kHz). The filter also rejects any speech signals present. The filter output
is passed to the level detect and frequency measurement circuitry which determines the presence or
absence of a valid SPM signal on the line. A valid signal sends the "DETECT 12kHz" pin to logic low.
Sample and Hold (18kHz Channel)
This samples the input signal at 71.592kHz. It is synchronised with the following high pass filter, which
is a switched capacitor circuit with the same sampling rate. The sample and hold circuit stores the
value of the input waveform value between sampling instants so that it is a suitable input for the filter.
Without the sample and hold circuit, speech or SPM tone components which are large compared with
the security tone would interfere with the level discrimination at the filter output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com