Electronic Components Datasheet Search
  English  ▼

X  

FX651 Datasheet(PDF) 11 Page - CML Microcircuits

Part # FX651
Description  SPM and Security Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX651 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button FX651 Datasheet HTML 7Page - CML Microcircuits FX651 Datasheet HTML 8Page - CML Microcircuits FX651 Datasheet HTML 9Page - CML Microcircuits FX651 Datasheet HTML 10Page - CML Microcircuits FX651 Datasheet HTML 11Page - CML Microcircuits FX651 Datasheet HTML 12Page - CML Microcircuits FX651 Datasheet HTML 13Page - CML Microcircuits FX651 Datasheet HTML 14Page - CML Microcircuits FX651 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SPM and Security Subsystem
FX651
© 1997 Consumer Microcircuits Limited
11
D/651/4
Operating Characteristics (continued)
Notes
Min.
Typ.
Max.
Units
AC Parameters
Tx Output
Tx O/P Impedance (Tx mode)
4
1.0
2.5
k
Ω
Tx O/P Impedance (Rx mode)
4
300
500
k
Ω
Output Frequency
17.82
18.18
kHz
Output Distortion
5
2
%
Signal Level
5, 6
3.0
3.4
3.7
Vp-p
Signal Level
5, 7
2.0
2.2
2.4
Vp-p
Response/De-response Times
8
100
µs
Rise/Fall Times
9
5
ms
Rx Input
10
Rx I/P Impedance
10.0
M
Ω
Rx I/P Amp Voltage Gain
500
V/V
12kHz (SPM) Channel Performance
11
With Interfering Speech & Security Tone
12
12kHz Input Signal Level
12
800
mV
12kHz Decode Min Signal Level
12
50
mV
12kHz No Decode Max Signal Level
12
25
mV
Response Delay
12, 13
40
50
ms
De-response Delay
12, 13
40
50
ms
Detect Bandwidth
12
11.82
12.18
kHz
Not Detect Frequencies (below 12kHz)
12
11.52
kHz
Not Detect Frequencies (above 12kHz)
12
12.48
kHz
18kHz (Security Tone) Channel Performance
14
With Interfering Speech & SPM Tone
15
18kHz Input Signal Level
15
1.2
V
18kHz Decode Min Signal Level
15
40
mV
18kHz No Decode Max Signal Level
15
10
mV
Response/De-response Times
15, 16
8
ms
Detect Bandwidth
15
16.92
19.08
kHz
Not Detect Frequencies (below 18kHz)
15
16.25
kHz
Not Detect Frequencies (above 18kHz)
15
19.75
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com