Electronic Components Datasheet Search
  English  ▼

X  

FX651 Datasheet(PDF) 12 Page - CML Microcircuits

Part # FX651
Description  SPM and Security Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX651 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button FX651 Datasheet HTML 8Page - CML Microcircuits FX651 Datasheet HTML 9Page - CML Microcircuits FX651 Datasheet HTML 10Page - CML Microcircuits FX651 Datasheet HTML 11Page - CML Microcircuits FX651 Datasheet HTML 12Page - CML Microcircuits FX651 Datasheet HTML 13Page - CML Microcircuits FX651 Datasheet HTML 14Page - CML Microcircuits FX651 Datasheet HTML 15Page - CML Microcircuits FX651 Datasheet HTML 16Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SPM and Security Subsystem
FX651
© 1997 Consumer Microcircuits Limited
12
D/651/4
Notes:
4.
Small signal impedance.
5.
At output of smoothing network.
6.
VDD = 5.0V.
7.
VDD = 3.3V.
8.
The time between a logic "1 - 0" transition at NRZ data input and the tone at TXOP
reaching 10% of its full value or between a "0 - 1" transition at NRZ data input and the
tone falling to 90% of its full value.
9.
The time for the 18kHz tone at TXOP to rise from 10% to 90% or to fall from 90% to
10% of its full value.
10.
Input amplifier signal gain set to -10dB for VDD = 5.0V, -13dB for VDD = 3.3V.
11.
Maximum 10% distortion for incoming SPM tone, not including interfering speech or
security tone (16kHz - 20kHz).
Minimum SNR 22dB for incoming SPM tone.
12.
Signal levels at the line side of the input capacitor. 12kHz channel performance
specified in the presence of the following interfering signals:
(a)
A 1.2V tone in the frequency range 16kHz - 20kHz.
(b)
An ordinary speech signal containing frequencies in the range
300Hz - 3400Hz of maximum instantaneous amplitude 8.0Vpk-pk.
13.
The device responds after 40-50ms of continuous valid tone and de-responds after: a
40-50ms period of no-tone, tones less than 25mV or an out of band tone.
14.
Maximum 10% distortion for incoming security tone, not including interfering SPM tone
(11kHz - 13kHz).
Minimum 20dB SNR for incoming security tone.
15.
Signal level specified at the line side, i.e. before the input capacitor. Performance
specified in the presence of an interfering 800mV tone in the frequency range 11kHz -
13kHz.
16.
The device responds after 8ms of continuous valid tone and de-responds after: a 8ms
period of no-tone, tone of 10mV or less, or an out of band tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com