Electronic Components Datasheet Search
  English  ▼

X  

FX651 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX651
Description  SPM and Security Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX651 Datasheet(HTML) 5 Page - CML Microcircuits

  FX651 Datasheet HTML 1Page - CML Microcircuits FX651 Datasheet HTML 2Page - CML Microcircuits FX651 Datasheet HTML 3Page - CML Microcircuits FX651 Datasheet HTML 4Page - CML Microcircuits FX651 Datasheet HTML 5Page - CML Microcircuits FX651 Datasheet HTML 6Page - CML Microcircuits FX651 Datasheet HTML 7Page - CML Microcircuits FX651 Datasheet HTML 8Page - CML Microcircuits FX651 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SPM and Security Subsystem
FX651
© 1997 Consumer Microcircuits Limited
5
D/651/4
Package
D4
Signal
Description
Pin No.
Name
Type
10
AMPOP
O/P
The input amplifier's output. External
components are used in conjunction with the
amplifier to couple the line signal into the device.
Both inputs are available to allow a differential
configuration because a two wire input is
assumed.
11
NEGIP
I/P
The input amplifier's inverting input.
12
POSIP
I/P
The input amplifier's non inverting input.
13
DETECT
18kHz
O/P
The logic output of the 18kHz channel which is
active in Rx mode. Logic "0" signals the
presence on the line of 18kHz tone within
specified frequency and amplitude limits.
14
DETECT
12kHz
O/P
The logic output of the 12kHz channel. It goes
to logic "0" when a 12kHz tone within specified
frequency and amplitude limits has been
detected for a minimum length of time.
16
VDD
POWER
The positive supply rail. Levels and voltages are
dependent upon this supply. This pin should be
decoupled to VSS by a capacitor
(see Figure 1).
3, 15
N/C
No internal connection: leave open circuit.
Notes:
I/P
=
Input
O/P
=
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com