Electronic Components Datasheet Search
  English  ▼

X  

FX949 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX949
Description  CDPD Wireless Modem Data Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949 Datasheet(HTML) 4 Page - CML Microcircuits

  FX949 Datasheet HTML 1Page - CML Microcircuits FX949 Datasheet HTML 2Page - CML Microcircuits FX949 Datasheet HTML 3Page - CML Microcircuits FX949 Datasheet HTML 4Page - CML Microcircuits FX949 Datasheet HTML 5Page - CML Microcircuits FX949 Datasheet HTML 6Page - CML Microcircuits FX949 Datasheet HTML 7Page - CML Microcircuits FX949 Datasheet HTML 8Page - CML Microcircuits FX949 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
4
D/949/5
1.3
Signal List
Package
L4
Package
L6
Signal
Description
Pin No.
Pin No.
Name
Type
2
8
D0
BI
)
3
9
D1
BI
)
4
10
D2
BI
)
5
11
D3
BI
)
8-bit bidirectional tristate
µP interface
7
12
D4
BI
)
data lines.
8
13
D5
BI
)
9
14
D6
BI
)
10
15
D7
BI
)
12
17
VDD
Power
The positive supply rail. Levels and voltages are
dependent upon this supply. This pin should be
decoupled to VSS by a capacitor.
13
18
VBIAS
O/P
A bias line for the internal circuitry, held at
½ VDD. This pin must be decoupled by a
capacitor mounted close to the device pins (see
Figures 2 and 3).
14
19
RX SIGNAL
FEEDBACK
O/P
The output of the Rx input amplifier and the input
to the Rx filter.
15
20
RX SIGNAL
I/P
The inverting input to the Rx input amplifier.
16
17
21
22
DOC 1
DOC 2
O/P
O/P
)
Connections to the Rx level measurement
)
circuitry. A capacitor should be connected
)
from each pin to VSS.
18
23
TX SIGNAL
O/P
The inverted Tx signal output from the modem.
20
24
Vss
Power
The negative supply rail (ground).
26
31
XTALN
O/P
The inverted output of the on-chip oscillator.
27
32
CLOCK/XTAL
I/P
The input to the on-chip oscillator, for external
Xtal circuit or clock.
32
36
IRQN
O/P
A 'wire-ORable' output for connection to the
controlling
µP's Interrupt Request input. This
output has a low impedance pull down to VSS
when active and is high impedance when
inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com