Electronic Components Datasheet Search
  English  ▼

X  

FX949 Datasheet(PDF) 14 Page - CML Microcircuits

Part # FX949
Description  CDPD Wireless Modem Data Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button FX949 Datasheet HTML 10Page - CML Microcircuits FX949 Datasheet HTML 11Page - CML Microcircuits FX949 Datasheet HTML 12Page - CML Microcircuits FX949 Datasheet HTML 13Page - CML Microcircuits FX949 Datasheet HTML 14Page - CML Microcircuits FX949 Datasheet HTML 15Page - CML Microcircuits FX949 Datasheet HTML 16Page - CML Microcircuits FX949 Datasheet HTML 17Page - CML Microcircuits FX949 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
14
D/949/5
SYNC ERROR
LIMIT (SERL)
(Bits 2, 1 and 0)
This 3-bit number specifies the maximum number of bits that can be in error in the
synchronisation word. When the synchronisation word is recognised with less than
or equal to this number of errors the SYNCF bit is set to "1" and the actual number of
errors is loaded into SYNC ERRORS. The RXDATA is then loaded into the registers
for "Data Symbols 0 to 62", the Rx syndrome is updated, and an interrupt may be
generated, depending on the state of the IRQ MASK register. If 5, 6 or 7 errors are
programmed to be accepted in the SYNC ERROR LIMIT, falsing of the forward
channel sync word may occur.
IRQ MASK Register (Hex address $31)
These bits prevent interrupts from occurring as detailed below:
SYNCM
(Bit 7)
When this bit is set to "1" the SYNC interrupt will be gated out to the IRQN pin. When
this bit is set to "0" the SYNC interrupt will be inhibited. This bit has no effect on the
contents of the STATUS register.
DECM
(Bit 6)
When this bit is set to "1" the DEC interrupt will be gated out to the IRQN pin. When
this bit is set to "0" the DEC interrupt will be inhibited. This bit has no effect on the
contents of the STATUS register.
IDLEM
(Bit 5)
When this bit is set to "1" the IDLE interrupt will be gated out to the IRQN pin. When
this bit is set to "0" the IDLE interrupt will be inhibited. This bit has no effect on the
contents of the STATUS register.
TXM
(Bit 4)
When this bit is set to "1" the Tx interrupt will be gated out to the IRQN pin. When
this bit is set to "0" the Tx interrupt will be inhibited. This bit has no effect on the
contents of the STATUS register.
TIMERM
(Bit 3)
When this bit is set to "1" the TIMER interrupt will be gated out to the IRQN pin.
After this bit is set to "0" the TIMER interrupt will be inhibited. This bit has no effect
on the contents of the STATUS register.
ERRM
(Bit 2)
For systems that are required to work error free and where Reed-Solomon error
correction is not implemented, this bit provides the means not to interrupt the
controlling µP if errors are detected. When this bit is set to "1" all the interrupts will
work as specified. When this bit is set to "0", the SYNC, DEC and IDLE interrupts
will be inhibited even if the on chip Reed-Solomon error detector indicates there are
errors in the data, thus not wasting the controlling µP's time with interrupts for
incorrect data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com