Electronic Components Datasheet Search
  English  ▼

X  

FX949 Datasheet(PDF) 15 Page - CML Microcircuits

Part # FX949
Description  CDPD Wireless Modem Data Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button FX949 Datasheet HTML 11Page - CML Microcircuits FX949 Datasheet HTML 12Page - CML Microcircuits FX949 Datasheet HTML 13Page - CML Microcircuits FX949 Datasheet HTML 14Page - CML Microcircuits FX949 Datasheet HTML 15Page - CML Microcircuits FX949 Datasheet HTML 16Page - CML Microcircuits FX949 Datasheet HTML 17Page - CML Microcircuits FX949 Datasheet HTML 18Page - CML Microcircuits FX949 Datasheet HTML 19Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
15
D/949/5
1.6
Application Notes
Further information on Reed-Solomon codes may be found in "Error Control Coding" by S. Lin and D.J.
Costello, published by Prentice Hall in 1983. The ISBN number is 0-13-283796-X.
The operation of the FX949 can be split into 3 sections: the Transmitter (reverse channel), the
Receiver (forward channel) and the Timer. The operational sequence of each is described below, with
reference to the internal block diagram, shown in Figure 4. Data and framing transmission structures
are shown in Figure 5 for the reverse channel and in Figure 6 for the forward channel.
1.6.1
General
(1)
After power up, enable or disable the interrupts by using the IRQ MASK register, depending on
whether the IRQN signal or direct polling of the IRQ FLAGS register is being used.
(2)
After power up, program PSRX (Bit 5 of the CONTROL register) to "1" to initialise the Rx
circuitry, i.e:
reset the interrupts
reset SYNCF, DECF, IDLEF in the IRQ FLAGS register
reset SYNC, DEC, IDLE, ERROR, SYNC ERRORS in the STATUS register
All other Rx registers are not affected and will be in a random state after power up.
(3)
After power up, program PSTX (Bit 4 of the CONTROL register) to "1" to initialise the Tx
circuitry, i.e:
set TXF in the IRQ register to "1" to indicate that the Tx buffer is empty
set the interrupt IRQN, if enabled, to request Tx data from the controlling µP
1.6.2
Transmitter (reverse channel)
(1)
After power up, a Tx interrupt is generated, if enabled, and TXF (Bit 4 of the IRQ FLAGS
register) is set, indicating the output buffer is empty.
(2)
The transmitter can now be enabled.
(3)
CI (Bit 3 of the CONTROL register) should be set to "1" when there are more Tx blocks to
follow and set to "0" for the last block. If there is only one block to be sent, i.e. the first block is
the last block, then the CI bit should be pulsed from "0" to "1" to "0" to ensure that the dotting
pattern and block sync are sent and that CI is set to "0" to indicate the presence of the last
block, except just after powersave when the dotting sequence and block sync are added
automatically.
(4)
All 47 symbols (0 to 46) are loaded into the TXDATA registers from the controlling µP, finishing
the load with the 47th symbol. This set of TXDATA registers is double buffered, therefore any
previous data can be sent again by re-loading only symbol 46, i.e. loading symbol 46 indicates
that data is ready to be sent.
(5)
The loading of symbol 46 (as above [4]) triggers the generation of a Reed-Solomon 16 symbol
parity code, based on symbols 0 to 46 in the input buffer.
(6)
The transmitter will wait for the output buffer to become empty (if it is the first transmission it
may already be empty). When this condition is met, data is transferred to the output buffer. At
this point the data and C1 bit for that block have been defined and will not change whilst setting
up for the next block to be sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com