Electronic Components Datasheet Search
  English  ▼

X  

FX949 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX949
Description  CDPD Wireless Modem Data Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949 Datasheet(HTML) 1 Page - CML Microcircuits

  FX949 Datasheet HTML 1Page - CML Microcircuits FX949 Datasheet HTML 2Page - CML Microcircuits FX949 Datasheet HTML 3Page - CML Microcircuits FX949 Datasheet HTML 4Page - CML Microcircuits FX949 Datasheet HTML 5Page - CML Microcircuits FX949 Datasheet HTML 6Page - CML Microcircuits FX949 Datasheet HTML 7Page - CML Microcircuits FX949 Datasheet HTML 8Page - CML Microcircuits FX949 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CML Semiconductor Products
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
Obsolete Product
1.0
Features
'For Information Only'
••
MES Full Duplex Operation
••
19.2kb/s GMSK Modulation
••
Forward Channel Decoding
••
Sleep Timer Included
••
Reverse Channel Encoding
••
3.3V and 5V Applications
••
Error Detection and Syndrome Output
••
PCMCIA Package Option
1.1
Brief Description
The FX949 is a low power CMOS integrated circuit which performs all of the real-time signal and data
format-management functions required for full-duplex operation of a CDPD Mobile End Station.
The FX949 interfaces directly with the analogue modulation and demodulation circuits of the radio and
the host radio/application processor bus.
It accepts application data from the processor, constructs a correct Reverse Channel packet containing
this data and converts the packet to GMSK analogue signals for transmission. In receive, Forward
Channel GMSK signals from the discriminator are demodulated, the packet disassembled, error
checked, and the recovered application data passed to the processor.
The FX949 is the cost, size, and power efficient alternative to DSP design solutions in high
performance OEM products for the Cellular Digital Packet Data wireless services.


Similar Part No. - FX949

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX901 SANYO-FX901 Datasheet
168Kb / 5P
DC-DC Converter Applications
logo
CML Microcircuits
FX919A CMLMICRO-FX919A Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
FX919AD2 CMLMICRO-FX919AD2 Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
FX919AD5 CMLMICRO-FX919AD5 Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
FX919AP4 CMLMICRO-FX919AP4 Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
More results

Similar Description - FX949

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
High-speed fax modem data pump
logo
List of Unclassifed Man...
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
Single Device Data/Fax Modem Data Pump
logo
CML Microcircuits
CMX989 CMLMICRO-CMX989 Datasheet
445Kb / 31P
CDPD MAC and Data Pump Processor
FX919A CMLMICRO-FX919A Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
FX929A CMLMICRO-FX929A Datasheet
1Mb / 44P
4-Level FSK Modem Data Pump
CMX7143 CMLMICRO-CMX7143 Datasheet
168Kb / 5P
Multi-Mode Wireless Data Modem
logo
Murata Manufacturing Co...
HN-291 MURATA-HN-291 Datasheet
92Kb / 3P
900MHz Frequency Hopping Wireless Data Modem
HN-550 MURATA-HN-550 Datasheet
66Kb / 3P
2.4Ghz Frequency Hopping Wireless Data Modem
HN-591 MURATA-HN-591 Datasheet
64Kb / 3P
900MHz Frequency Hopping Wireless Data Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com