Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 16Page - Diodes Incorporated ZXLD1370 Datasheet HTML 17Page - Diodes Incorporated ZXLD1370 Datasheet HTML 18Page - Diodes Incorporated ZXLD1370 Datasheet HTML 19Page - Diodes Incorporated ZXLD1370 Datasheet HTML 20Page - Diodes Incorporated ZXLD1370 Datasheet HTML 21Page - Diodes Incorporated ZXLD1370 Datasheet HTML 22Page - Diodes Incorporated ZXLD1370 Datasheet HTML 23Page - Diodes Incorporated ZXLD1370 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
20 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Junction temperature estimation
Finally, the ZXLD1370 junction temperature can be estimated using the following equations:
Total supply current of ZXLD1370:
IQTOT ≈ IQ + f • QG
Where IQ = total quiescent current IQ-IN + IQ-AUX
Power consumed by ZXLD1370
PIC = VIN • (IQ + f • Qg)
Or in case of separate voltage supply, with VAUX < 15V
PIC = VIN • IQ-IN + Vaux • (IQ-AUX + f • Qg)
TJ =
TA + PIC • RTH(JA)=
TA + PIC • (RTH(JC)+ RTH(CA))
Where the total quiescent current IQTOT consists of the static supply current (IQ) and the current required to charge and
discharge the gate of the power MOSFET. Moreover the part of thermal resistance between case and ambient depends on
the PCB characteristics.
DIODE SELECTION
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance Schottky diode* with low
reverse leakage at the maximum operating voltage and temperature. The Schottky diode also provides better efficiency
than silicon PN diodes, due to a combination of lower forward voltage and reduced recovery time.
It is important to select parts with a peak current rating above the peak coil current and a continuous current rating higher
than the maximum output load current. In particular, it is recommended to have a voltage rating at least 15% higher than
the maximum transistor voltage to ensure safe operation during the ringing of the switch node and a current rating at least
10% higher than the average diode current. The power rating is verified by calculating the power loss through the diode.
The higher forward voltage and overshoot due to reverse recovery time in silicon diodes will increase the peak voltage on
the Drain of the external MOSFET. If a silicon diode is used, care should be taken to ensure that the total voltage appearing
on the Drain of the external MOSFET, including supply ripple, does not exceed the specified maximum value.
*A suitable Schottky diode would be PDS3100 (Diodes Inc).
OUTPUT CAPACITOR
An output capacitor may be required to limit interference or for specific EMC purposes.
For boost and buck-boost
regulators, the output capacitor provides energy to the load when the freewheeling diode is reverse biased during the first
switching subinterval. An output capacitor in a buck topology will simply reduce the LED current ripple below the inductor
current ripple. In other words, this capacitor changes the current waveform through the LED(s) from a triangular ramp to a
more sinusoidal version without altering the mean current value.
In all cases, the output capacitor is chosen to provide a desired current ripple of the LED current (usually recommended to
be less than 40% of the average LED current).
Buck:
PP
LED
LED
SW
PP
L
OUTPUT
I
x
r
x
f
x
8
I
C
−
−
Δ
Δ
=
Boost and Buck-boost
PP
LED
LED
SW
PP
LED
OUTPUT
I
x
r
x
f
I
x
D
C
−
−
Δ
=
where:
• ΔIL is the ripple of the inductor current, usually ± 20% of the average sensed current
• ΔILED is the ripple of the LED current, it should be <40% of the LEDs average current
• fsw is the switching frequency (From graphs and calculator)
• rLED is the dynamic resistance of the LEDs string (n times the dynamic resistance of the single LED from the
datasheet of the LED manufacturer).
The output capacitor should be chosen to account for derating due to temperature and operating voltage. It must also have
the necessary RMS current rating. The minimum RMS current for the output capacitor is calculated as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com